Electronic Components Datasheet Search
  English  ▼

X  

PC100F5 Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PC100F5
Description  FRD 100A AVG 500 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PC100F5 Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PC100F5 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 6Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 7Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 8Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Installation ...
Configure the PC8106-2 for the display by setting the jumpers on
J5 using the configuration chart below. Construct the cable to
interface the LCD Module to the PC8106-2, the cable should not
exceed 24 inches.
Turn off your computer and remove the cover. Locate one empty
16 bit slot, remove the protective rear plate. Insert the card
pressing straight down with even pressure being sure the card
is fully seated. Secure the PC8106-2 using the screw you removed
when taking out the protective rear plate. Also at this time
be sure that there is no other display card installed.
PC8106-2 Configuration
To configure the PC8106 for the type of panel you are using,
install the appropriate jumpers.
Display
Display
J5-
Resolution
Mode
5
4
3
2
1
Monochrome Displays
320x240
Single
4
IN
IN
OUT
IN
OUT
OPTREX DMF50174, DMF50081, DMF50531
320x256
Single
4
IN
OUT
OUT
IN
OUT
480x320
Dual
8
OUT
IN
IN
OUT
OUT
640x200
Single
4
IN
OUT
IN
OUT
OUT
Optrex DMF50036, DMF651, DMF50357
640x400
Single
8
IN
IN
OUT
OUT
OUT
640x400
Dual
8
OUT
IN
OUT
OUT
OUT
640x480
Single
8
IN
OUT
OUT
OUT
OUT
640x480
Dual
8
OUT
OUT
OUT
OUT
OUT
OPTREX DMF50260, DMF50383, DMF50753, DMF50961
Color Displays
320x240
Single
8
IN
IN
IN
OUT IN
OPTREX DMF50944
640x480
Single
8
IN
OUT OUT
OUT IN
640x480
Dual
8
OUT
IN
OUT
OUT IN
640x480
Single
16
IN
IN
OUT
OUT IN
640x480
Dual
16
OUT
IN
OUT
OUT IN
OPTREX DMF50414, DMF50757, DMF50766



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com