Electronic Components Datasheet Search
  English  ▼

X  

PC100F5 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PC100F5
Description  FRD 100A AVG 500 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PC100F5 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PC100F5 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 6Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 7Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 8Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PC8106-2
Display Controller Card
The PC8106 display controller supports a wide variety of Flat Panel
Displays ranging from 320x200 up to 640x480. Simple installation
requires one 16 bit ISA bus slot.
Basic Features:
y Monochrome Panels:Colors are converted to 64 gray
shades.
Color Panels: Displays 4096 colors.
y Hardware VGA compatible.
y Vertical centering.
y 512K display memory.
y All display voltages generated onboard.
y Single or dual panel interface.
y Small size: 6.3" x 3.5"
y Low power: 180ma from 5 volt supply
Ordering Information
Currently Apollo Display offers two versions of the PC8106 display
controller, PC8106N-2 and PC8106P-2. The difference between the two
display cards is that the PC8106N develops a negative voltage for LCD
drive whereas the PC8106P-2 develops a positive voltage for LCD drive.
The majority of the OPTREX displays requires a negative LCD voltage.
Board
Display
Cable
Comments
PC8106N-2-50174
DMF50174
CBL-50174/081
320x240 ¼ VGA Mono
PC8106N-2-50081
DMF50081
CBL-50174/081
320x240 ¼ VGA Mono
PC8106N-2-50840
DMF50840
ADP50840
320X240 ¼ VGA Mono
PC8106N-2-50531
DMF50531
CON-50531
320x240 ¼ VGA Mono
PC8106P-2-50944
DMF50944
ADP50944
320x240 ¼ VGA Color
PC8106N-2-651
DMF651
CBL-651/036
640x200 CGA Mono
PC8106N-2-50036
DMF50036
CBL-651/036
640x200 CGA Mono
PC8106N-2-50383
DMF50383
CBL-50260/383
640x480 Mini-VGA Mono
PC8106N-2-50260
DMF50260
CBL-50260/383
640x480 VGA Mono
PC8106P-2-50961
DMF50961
CBL-50961
640x480 VGA Mon
PC8106P-2-50766
DMF50766
CBL-50757
640x480 VGA Color
PC8106N-2-*
*
CBL-*
Display specified by
PC8106P-2-*
*
CBL-*
Customer
* Display part number
R-B127
Apollo Display Technologies Inc.
194-22 Morris Ave. Holtsville NY 11742
Phone (516) 654-1143 Fax (516) 654-1496


Similar Part No. - PC100F5

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC100F5 NIEC-PC100F5 Datasheet
30Kb / 2P
FRD MODULE
More results

Similar Description - PC100F5

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FCU20UC20 NIEC-FCU20UC20 Datasheet
218Kb / 1P
FRD - 20A Avg. 200 Volts
PC10012 NIEC-PC10012_1 Datasheet
157Kb / 2P
100A Avg 12001600 Volts
PDT1008 NIEC-PDT1008_1 Datasheet
251Kb / 4P
100A Avg 800 Volts
PE1008N NIEC-PE1008N_1 Datasheet
156Kb / 2P
100A Avg 800 Volts
PGH1008AM NIEC-PGH1008AM_1 Datasheet
240Kb / 3P
100A Avg 800 Volts
PGH10016AM NIEC-PGH10016AM_1 Datasheet
239Kb / 3P
100A Avg 1600 Volts
PT100S8 NIEC-PT100S8_1 Datasheet
278Kb / 2P
100A Avg 800 Volts
PT100S16 NIEC-PT100S16_1 Datasheet
279Kb / 2P
100A Avg 1600 Volts
logo
National Instruments Co...
PC100F2 NI-PC100F2_15 Datasheet
226Kb / 2P
100A Avg 200 Volts
PC100F6 NI-PC100F6_15 Datasheet
193Kb / 2P
100A Avg 600 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com