Electronic Components Datasheet Search
  English  ▼

X  

PC100F5 Datasheet(PDF) 5 Page - Nihon Inter Electronics Corporation

Part # PC100F5
Description  FRD 100A AVG 500 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PC100F5 Datasheet(HTML) 5 Page - Nihon Inter Electronics Corporation

  PC100F5 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 6Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 7Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 8Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Certain Kyocera displays require a +3 volt vee voltage. These
displays will use the PC8106N-2 Rev E or higher. DO NOT use
PC8106P or any earlier version of the PC8106N board. Contrast
on these displays are adjusted with R23, 5K potentiometer.
Windows 3.1 Driver Installation ...
The Windows 3.1 driver is for CDS PC8106, VGA104 256 color
driver board only. To check if you have a 256 color version the
part number on the LCD controller should read: “SPC8106FOC”.
To install driver:
1. Locate your original Windows 3.1 disks, you will need them
to load the required fonts.
2. Go to your Windows subdirectory: “CD WINDOWS”.
3. Run Windows setup program: “SETUP”.
4. Select “Display” and press enter.
5. Scroll down to the end of the list and select:
“Other (Requires disk provided by hardware manufacturer)”.
6. Insert the driver disk and press enter.
7. Follow instructions to finish installation.
8. After the driver has loaded select “Accept configuration
shown above” and press enter.
9. Follow the instructions, it will ask you to insert several
of your original Windows 3.1 disks and close.
NOTES:
A. For color displays you must install this driver for the 256
color mode. If the 16 color mode is acceptable for your
application you do not have to install this driver, select
the Windows 3.1 standard VGA or VGA 3.0 driver.
B. For monochrome displays there is no need to load the 256
color driver. Select Windows 3.1 standard VGA or VGA 3.0
driver.
C. For Windows 95 applications please consult the sales office.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com