Electronic Components Datasheet Search
  English  ▼

X  

PC100F5 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PC100F5
Description  FRD 100A AVG 500 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PC100F5 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PC100F5 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 6Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 7Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 8Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Bias voltage (VEE) ...
The PC8106-2 is available in two configurations, PC8106N and
PC8106P. The differences are the PC8106N-2 generates a negative
(-14 to -24)voltage, 0 to +3 volts for LCD bias. The PC8106P-2
generates a positive(24 to 35 volts) voltage for LCD bias. The
0 to +3 volts on the PC8106N-2 is for Kyocera displays only.
These voltages are factory set to a specific LCD module when
the module is specified with the order. However, when this is
not specified users must check their modules required bias
voltage prior to use since these values do vary from model to
model.
The bias voltage is switched on only when all the registers are
set and the clock to the LCD is running. This protects the
display from damage which could occur if this voltage were
applied before the controller was initialized and running.
The negative bias voltage range is -14 to -24 volts controlled
by
R28 and the positive bias voltage range is +24 to +34 volts
controlled by R23.
This potentiometer is adjusted for proper contrast on the
display. If needed this potentiometer may be remoted off the
board. To do this remove R23 or R28 depending on which version
you have and connect the external potentiometer to connector J6
as follows:
PC8106P-2, 10K
PC8106N-2, 100K(R28) 5K(R23)
J6.1, CW
J6.2, CW
J6.3, Wiper
J6.4, Wiper
J6.5, CCW
J6.6, CCW
Pin 1 of J6 is identified with a square pad.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com