Electronic Components Datasheet Search
  English  ▼

X  

FSA201 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSA201
Description  USB2.0 Full-Speed and Audio Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA201 Datasheet(HTML) 5 Page - ON Semiconductor

  FSA201 Datasheet HTML 1Page - ON Semiconductor FSA201 Datasheet HTML 2Page - ON Semiconductor FSA201 Datasheet HTML 3Page - ON Semiconductor FSA201 Datasheet HTML 4Page - ON Semiconductor FSA201 Datasheet HTML 5Page - ON Semiconductor FSA201 Datasheet HTML 6Page - ON Semiconductor FSA201 Datasheet HTML 7Page - ON Semiconductor FSA201 Datasheet HTML 8Page - ON Semiconductor FSA201 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA201 Rev. 1.2.2
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VAUDIO / VBus Supply Voltage
-0.5
6.0
V
VSW
Switch I/O Voltage
(3)
D+, D-, D+/R, D-/L Pins
VBUS -7.0
VBUS +0.3
V
R, L, Pins
VAUDIO -7.0 VAUDIO -0.3
V
ASEL
Control Input Voltage
-0.5
6.0
V
IIK
Input Clamp Diode Current
-50
mA
ISW
Switch I/O Current (Continuous)
USB
50
mA
Audio
250
ISWPEAK
Peak Switch Current (Pulsed at 1ms
Duration, <10% Duty Cycle)
USB
100
mA
Audio
500
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 seconds)
+260
°C
ESD
Human Body Model
(JEDEC: JESD22-A114)
I/O to GND
10
kV
All Other Pins
8
Charged Discharge Model (JEDEC: JESD22-C101)
2
Note:
3.
The input and output negative ratings may be exceeded if the input and output diode current ratings are
observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Minimum
Maximum
VAUDIO
Supply Voltage
2.7V
3.6V
VBUS
Supply Voltage
4.25V
5.50V
ASEL
Control Input Voltage
0V
VAUDIO
VSW
Switch I/O Voltage
VAUDIO– 6.5V
VAUDIO– 0.3V
TA
Operating Temperature
-40°C
85°C
JA
Thermal Resistance (free air)
MicroPak 10
330ºC / W (estimated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com