Electronic Components Datasheet Search
  English  ▼

X  

FSA201 Datasheet(PDF) 14 Page - ON Semiconductor

Part # FSA201
Description  USB2.0 Full-Speed and Audio Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA201 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button FSA201 Datasheet HTML 10Page - ON Semiconductor FSA201 Datasheet HTML 11Page - ON Semiconductor FSA201 Datasheet HTML 12Page - ON Semiconductor FSA201 Datasheet HTML 13Page - ON Semiconductor FSA201 Datasheet HTML 14Page - ON Semiconductor FSA201 Datasheet HTML 15Page - ON Semiconductor FSA201 Datasheet HTML 16Page - ON Semiconductor FSA201 Datasheet HTML 17Page - ON Semiconductor FSA201 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA201 Rev. 1.2.2
13
Test Diagrams
Dn or R/L
D+/R or D-/L
V
CNTRL = fn (Vaudio and Vbus)
I
ON
V
ON
R
ON= VON / ION
GND
VSW
GND
I
V
V
V
= fn (Vaudio and Vbus)
D+/R or D-/L
D+, D-
or R/L
A
I
(OFF)
Vsw
GND
CNTRL
-
-
A
I
V
GND
A
I
A
I
V
GND
V
Figure 13.
On Resistance
Figure 14.
Off Leakage
V
CNTRL = fn (Vaudio and Vbus)
I
A(ON)
Vsw
GND
A
D+, D- or R/L
D+/R or
D-/L
V
V
V
A
-
R
L , R
S and CL are function of application
environment (see AC Tables for specific values)
C
L includes test fixture and stray capacitance
GND
RS
V
CNTRL = fn (V
audioand Vbus
Vsw
GND
RL
CL
GND
V
OUT
D+, D- or R,L
D+/R or D-/L
S
)
V
GND
V
GND
-
-
Figure 15.
On Leakage
Figure 16.
AC Test Circuit Load
-V
ASel
t
RISE = 2.5ns
GND
3V
90%
90%
10%
10%
t
FALL = 2.5ns
50%
50%
Output- V
OUT
90%
V
OH
V
OL
t
ON
t
OFF
90%
Input -
3
-
VCNTRL = fn (Vaudio and Vbus)
Input - V
CNTRL
t
RISE = 1µs
GND
Vbus
Vth(max)
90%
10%
10%
t
FALL = 1µs
Output- V
OUT
90%
V
OH
V
OL
t
ON
t
OFF
90%
Vth(min)
Vth = Vbusth or Vaudioth
-
)
Figure 17.
Turn-On / Turn-Off
Waveforms (ASEL)
Figure 18.
Turn-On / Turn-Off Waveforms (USB/Audio)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com