Electronic Components Datasheet Search
  English  ▼

X  

FSA201 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FSA201
Description  USB2.0 Full-Speed and Audio Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA201 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FSA201 Datasheet HTML 5Page - ON Semiconductor FSA201 Datasheet HTML 6Page - ON Semiconductor FSA201 Datasheet HTML 7Page - ON Semiconductor FSA201 Datasheet HTML 8Page - ON Semiconductor FSA201 Datasheet HTML 9Page - ON Semiconductor FSA201 Datasheet HTML 10Page - ON Semiconductor FSA201 Datasheet HTML 11Page - ON Semiconductor FSA201 Datasheet HTML 12Page - ON Semiconductor FSA201 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA201 Rev. 1.2.2
8
USB Full-Speed Related AC Electrical Characteristics
Symbol
Parameter
VAUDIO / VBUS(V)
Condition
TA=-40ºC to +85ºC
Unit
Min.
Typ.
Max.
tSK(o)
Channel-to-Channel
Skew
(9)
VAUDIO=2.7V
VBUS=4.25V
tR=tF=12ns
(10-90%) at 6MHz
CL=50pF, RL=50
Ω
Figure 20, Figure 21
150
ps
tSK(P)
Skew of Opposite
Transitions of the Same
Output
(9)
VAUDIO=2.7V
VBUS=4.25V
tR=tF=12ns
(10-90%) at 6MHz
CL=50pF, RL=50
Ω
Figure 20, Figure 21
150
ps
tJ
Total Jitter
(9)
VAUDIO=2.7V
VBUS=4.25V
RL=50
Ω, CL=50pF,
tR=tF=12ns
(10-90%) at 12Mbps
(PRBS=2
15 – 1)
1.6
ns
Note:
9.
Guaranteed by characterization, not production tested.
Capacitance
Symbol
Parameter
VAUDIO / VBUS(V)
Condition
TA=-40ºC to +85ºC
Unit
Min.
Typ.
Max.
CIN (ASEL)
Control Pin Input
Capacitance (ASEL)
VAUDIO=2.7V
VBUS=4.25V
VBias=0.2V
2.5
pF
CON(D+/R, D-/L)
D+/R, D-/L (Common Port)
On Capacitance
VAUDIO=2.7V
VBUS=4.25V
ASEL=0V
(CONUSB)
VBias=0.2V, f=6MHz
Figure 26
25
pF
VAUDIO=2.7V
VBUS=4.25V
ASEL=2.7V
(CONAudio)
VBias=0.2V, f=6MHz
Figure 26
29
COFF(D+, D-)
USB Input Source
Off Capacitance
VAUDIO=2.7V
VBUS=4.25V
ASEL=2.7V
f=6MHz, Figure 25
5
pF
COFF(R/L)
Audio Input Source
Off Capacitance
VAUDIO=2.7V
VBUS=4.25V
ASEL=0V
f=6MHz, Figure 25
17
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com