Electronic Components Datasheet Search
  English  ▼

X  

FSA201 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FSA201
Description  USB2.0 Full-Speed and Audio Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA201 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FSA201 Datasheet HTML 6Page - ON Semiconductor FSA201 Datasheet HTML 7Page - ON Semiconductor FSA201 Datasheet HTML 8Page - ON Semiconductor FSA201 Datasheet HTML 9Page - ON Semiconductor FSA201 Datasheet HTML 10Page - ON Semiconductor FSA201 Datasheet HTML 11Page - ON Semiconductor FSA201 Datasheet HTML 12Page - ON Semiconductor FSA201 Datasheet HTML 13Page - ON Semiconductor FSA201 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA201 Rev. 1.2.2
9
Typical Characteristics
Figure 5.
RON Audio Characterization (RON Audio R, VAUDIO=2.7V)
Figure 6.
RON USB Characterization (RON USB D+)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
-4
-3
-2
-1
01
23
4
VIN (V)
25°C
-40°C
85°C
0
1
2
3
4
5
6
7
-1
0
1
23
4
5
VIN (V)
- 40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com