Electronic Components Datasheet Search
  English  ▼

X  

ADV7513 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7513
Description  165 MHz, High Performance HDMI Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7513 Datasheet(HTML) 4 Page - Analog Devices

  ADV7513 Datasheet HTML 1Page - Analog Devices ADV7513 Datasheet HTML 2Page - Analog Devices ADV7513 Datasheet HTML 3Page - Analog Devices ADV7513 Datasheet HTML 4Page - Analog Devices ADV7513 Datasheet HTML 5Page - Analog Devices ADV7513 Datasheet HTML 6Page - Analog Devices ADV7513 Datasheet HTML 7Page - Analog Devices ADV7513 Datasheet HTML 8Page - Analog Devices ADV7513 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADV7513
Data Sheet
Parameter
Symbol
Temp
Test
Level1
Min
Typ
Max
Unit
To DE Rising Edge
25°C
IV
1
UI5
AUDIO AC TIMING
SCLK Duty Cycle
N/2 Is an Even Number
Full
IV
40
50
60
%
N/2 Is an Odd Number
Full
IV
49
50
51
%
I2S[3:0], S/PDIF Setup Time
tASU
Full
IV
2
ns
I2S[3:0], S/PDIF Hold Time
tAHLD
Full
IV
2
ns
LRCLK Setup Time
tASU
Full
IV
2
ns
LRCLK Hold Time
tAHLD
Full
IV
2
ns
I2C INTERFACE
SCL Clock Frequency
Full
400
kHz
SDA Setup Time
tDSU
Full
100
ns
SDA Hold Time
tDHO
Full
100
ns
Setup Time for Start Condition
tSTASU
Full
0.6
µs
Hold Time for Start Condition
tSTAH
Full
0.6
µs
Setup Time for Stop Condition
tSTOSU
Full
0.6
µs
1
See the Explanation of Test Levels section.
2
12 MHz crystal oscillator for default register settings.
3
1080p, 24-bit typical random pattern.
4
The video data setup and hold times are measured at 0.9 V. The relationship between the clock and data is programmable in 400 ps steps.
5
UI is the unit interval.
Rev. B | Page 4 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com