Electronic Components Datasheet Search
  English  ▼

X  

ADV7513 Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7513
Description  165 MHz, High Performance HDMI Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7513 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7513 Datasheet HTML 4Page - Analog Devices ADV7513 Datasheet HTML 5Page - Analog Devices ADV7513 Datasheet HTML 6Page - Analog Devices ADV7513 Datasheet HTML 7Page - Analog Devices ADV7513 Datasheet HTML 8Page - Analog Devices ADV7513 Datasheet HTML 9Page - Analog Devices ADV7513 Datasheet HTML 10Page - Analog Devices ADV7513 Datasheet HTML 11Page - Analog Devices ADV7513 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADV7513
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BCD-HD
1
16
17
32
32
49
64
48
33
12.20
12.00 SQ
11.80
10.20
10.00 SQ
9.80
1
16
17
49
64
48
33
TOP VIEW
(PINS DOWN)
EXPOSED
PAD
VIEW A
1.60
MAX
SEATING
PLANE
0.75
0.60
0.45
1.00 REF
0.08
COPLANARITY
7°
0°
VIEW A
ROTATED 90° CCW
1.45
1.40
1.35
0.15
0.10
0.05
0.20
0.15
0.09
0.27
0.22
0.17
0.50
LEAD PITCH
7.50
REF SQ
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
5.30
5.20 SQ
5.10
BOTTOM VIEW
(PINS UP)
PIN 1
Figure 3. 64-Lead Low Profile Quad Flat Package [LQFP_EP]
(SW-64-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADV7513BSWZ
−25°C to +85°C
64-Lead Low Profile Quad Flat Package, Exposed Pad [LQFP_EP]
SW-64-2
1
Z = RoHS Compliant Part.
Rev. B | Page 9 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com