Electronic Components Datasheet Search
  English  ▼

X  

ADV7513 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7513
Description  165 MHz, High Performance HDMI Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7513 Datasheet(HTML) 1 Page - Analog Devices

  ADV7513 Datasheet HTML 1Page - Analog Devices ADV7513 Datasheet HTML 2Page - Analog Devices ADV7513 Datasheet HTML 3Page - Analog Devices ADV7513 Datasheet HTML 4Page - Analog Devices ADV7513 Datasheet HTML 5Page - Analog Devices ADV7513 Datasheet HTML 6Page - Analog Devices ADV7513 Datasheet HTML 7Page - Analog Devices ADV7513 Datasheet HTML 8Page - Analog Devices ADV7513 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
165 MHz, High Performance
HDMI Transmitter
Data Sheet
ADV7513
FEATURES
General
Incorporates HDMI v1.4 features, including
3D video support
165 MHz supports all video formats up to 1080p
and UXGA
Supports gamut metadata packet transmission
Integrated CEC buffer/controller
Compatible with DVI v1.0 and HDCP v1.4
Video/audio inputs accept logic levels from 1.8 V to 3.3 V
Digital video
3D video ready
Programmable, 2-way color space converter
Supports RGB, YCbCr, and DDR
Supports ITU-656-based embedded syncs
Automatic input video format timing detection (CEA-861-E)
Digital audio
Supports standard S/PDIF for stereo linear pulse code
modulation (LPCM) or compressed audio up to 192 kHz
High bit rate (HBR) audio
8-channel uncompressed LPCM I2S audio up to 192 kHz
Special features for easy system design
5 V tolerant I2C and Hot Plug™ detect (HPD) I/Os,
no extra device needed
No audio master clock needed for supporting S/PDIF
and I2S
On-chip MPU with I2C master performs HDCP operations
and EDID reading operations
On-chip MPU reports HDMI events through interrupts
and registers
APPLICATIONS
Gaming consoles
PCs
DVD players and recorders
Digital set-top boxes
A/V receivers
FUNCTIONAL BLOCK DIAGRAM
TX0+/TX0–
ADV7513
CEC
CEC CONTROLLER/
BUFFER
AUDIO
DATA
CAPTURE
SPDIF
VIDEO
DATA
CAPTURE
REGISTERS AND
CONFIGURATION
LOGIC
HDCP
AND EDID
MICROCONTROLLER
HDCP KEYS
HDCP
ENCRYPTION
CEC_CLK
I2S[3:0]
MCLK
LRCLK
SCLK
D[23:0]
VSYNC
HSYNC
DE
CLK
HPD
INT
SDA
SCL
4:2:2
4:4:4
AND
COLOR
SPACE
CONVERTER
I2C
SLAVE
I2C
MASTER
TX1+/TX1–
TX2+/TX2–
TXC+/TXC–
DDCSDA
DDCSCL
TMDS
OUTPUTS
Figure 1.
GENERAL DESCRIPTION
The ADV7513 is a 165 MHz, High-Definition Multimedia
Interface (HDMI®) transmitter that is ideal for DVD players/
recorders, digital set-top boxes, A/V receivers, gaming consoles,
and PCs.
The digital video interface contains an HDMI v1.4/DVI v1.0-
compatible transmitter and supports all HDTV formats. The
ADV7513 supports HDMI v1.4-specific features, including 3D
video. The ADV7513 also supports x.v.Color™, high bit rate (HBR)
audio, and the programmable auxiliary video information (AVI)
InfoFrame features. With the inclusion of HDCP, the ADV7513
allows the secure transmission of protected content as specified
by the HDCP v1.4 protocol.
The ADV7513 supports both S/PDIF and 8-channel I2S audio.
Its high fidelity 8-channel I2S interface can transmit either stereo
or 7.1 surround audio up to 768 kHz. The S/PDIF interface can
carry compressed audio, including Dolby® Digital, DTS®, and
THX®. Fabricated in an advanced CMOS process, the ADV7513
is provided in a 64-lead LQFP surface-mount plastic package
with exposed pad and is specified over the −25°C to +85°C
temperature range.
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADV7513

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7513 AD-ADV7513 Datasheet
207Kb / 12P
165 MHz, High Performance
REV. 0
ADV7513BSWZ AD-ADV7513BSWZ Datasheet
207Kb / 12P
165 MHz, High Performance
REV. 0
More results

Similar Description - ADV7513

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9389 AD-AD9389 Datasheet
908Kb / 48P
800 MHz High Performance HDMI/DVI Transmitter
1/06-Revision 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
High Performance HDMI/DVI Transmitter
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
High Performance HDMI/DVI Transmitter
4/07-Revision 0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
AD9389 AD-AD9389_15 Datasheet
1Mb / 48P
800 MHz High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
165 MHz, High Performance HDMI Transmitter
6/12-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com