Electronic Components Datasheet Search
  English  ▼

X  

ADV7513 Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7513
Description  165 MHz, High Performance HDMI Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7513 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7513 Datasheet HTML 2Page - Analog Devices ADV7513 Datasheet HTML 3Page - Analog Devices ADV7513 Datasheet HTML 4Page - Analog Devices ADV7513 Datasheet HTML 5Page - Analog Devices ADV7513 Datasheet HTML 6Page - Analog Devices ADV7513 Datasheet HTML 7Page - Analog Devices ADV7513 Datasheet HTML 8Page - Analog Devices ADV7513 Datasheet HTML 9Page - Analog Devices ADV7513 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADV7513
Data Sheet
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DVDD
D12
2
3
4
7
6
5
1
8
9
10
12
13
14
15
16
11
47
46
45
42
43
44
48
41
40
39
37
36
35
34
33
38
17 18 19
20
21 22 23
24 25 26
27 28 29 30 31 32
64
63 62
61
60 59 58
57 56 55
54 53 52 51 50 49
PIN 1
TOP VIEW
(Not to Scale)
VSYNC
SPDIF
MCLK
I2S0
I2S1
I2S2
I2S3
SCLK
LRCLK
PVDD
DVDD
BGVDD
R_EXT
AVDD
HPD
D13
D14
D15
D16
D17
D18
D19
D20
D21
D22
D23
SDA
SCL
DDCSDA
DDCSCL
ADV7513
NOTES
1. THE EXPOSED PAD IS THE ELECTRICAL GROUND FOR THE PART AND MUST
BE SOLDERED TO THE PCB.
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1, 11, 31, 51
DVDD
Power
1.8 V Power Supply. These pins should be filtered and as quiet as possible.
2
VSYNC
Input
Vertical Synchronization Input.
3
SPDIF
Input
S/PDIF (Sony/Philips Digital Interface) Audio Input.
4
MCLK
Input
Audio Reference Clock Input.
5
I2S0
Input
I2S Channel 0 Audio Data Input.
6
I2S1
Input
I2S Channel 1 Audio Data Input.
7
I2S2
Input
I2S Channel 2 Audio Data Input.
8
I2S3
Input
I2S Channel 3 Audio Data Input.
9
SCLK
Input
I2S Audio Clock Input.
10
LRCLK
Input
Left/Right Channel Signal Input.
12
PVDD
Power
1.8 V PLL Power Supply.
13
BGVDD
Power
1.8 V Band Gap Power Supply.
14
R_EXT
Input
This pin sets the internal reference currents.
15, 19, 25
AVDD
Power
1.8 V Power Supply for TMDS Outputs.
16
HPD
Input
Hot Plug Detect Signal Input.
17, 18
TXC−, TXC+
Differential
output
Differential TMDS Clock Output.
20, 21
TX0−, TX0+
Differential
output
Differential TMDS Output Channel 0.
22
PD
Input
Power-Down Control and I2C Address Selection.
23, 24
TX1−, TX1+
Differential
output
Differential TMDS Output Channel 1.
26, 27
TX2−, TX2+
Differential
output
Differential TMDS Output Channel 2.
Rev. B | Page 6 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com