Electronic Components Datasheet Search
  English  ▼

X  

FSSD07 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSSD07
Description  1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSSD07 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSSD07 Datasheet HTML 2Page - ON Semiconductor FSSD07 Datasheet HTML 3Page - ON Semiconductor FSSD07 Datasheet HTML 4Page - ON Semiconductor FSSD07 Datasheet HTML 5Page - ON Semiconductor FSSD07 Datasheet HTML 6Page - ON Semiconductor FSSD07 Datasheet HTML 7Page - ON Semiconductor FSSD07 Datasheet HTML 8Page - ON Semiconductor FSSD07 Datasheet HTML 9Page - ON Semiconductor FSSD07 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSSD07 Rev. 1.0.2
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Conditions
Min.
Max.
Unit
VDDC
Card Supply Voltage
-0.5
4.6
V
VDDH1,VDDH2 Host Controller Supply Voltage
-0.5
4.6
V
VSW
Switch I/O Voltage
(1)
1DAT[3:0], 2DAT[3:0],
1CMD, 2CMD Pins
-0.5
VDDx
(2)+ 0.3V
(4.6V maximum)
V
DAT[3:0], CMD Pins
-0.5
VDDx
(2)+ 0.3V
(4.6V maximum)
V
VCNTRL
Control Input Voltage
(1)
S, OE
-0.5
4.6
V
VCLKI
CLK Input Voltage
(1)
1CLK, 2CLK
-0.5
4.6
V
VCLKO
CLK Output Voltage
(1)
CLK
-0.5
VDDx
(2)+ 0.3V
(4.6V maximum)
V
IINDC
Input Clamp Diode Current
-50
mA
ISW
Switch I/O Current
SDIO Continuous
50
mA
ISWPEAK
Peak Switch Current
SDIO Pulsed at 1ms
Duration, <10% Duty Cycle
100
mA
TSTG
Storage Temperature Range
-65
+150
C
TJ
Maximum Junction Temperature
+150
C
TL
Lead Temperature
Soldering, 10 Seconds
+260
C
ESD
Human Body Model,
JEDEC: JESD22-A114
I/O to GND
8
kV
Supply to GND
10
All Other Pins
5
Charged Device Model, JEDEC-JESD-C101
2
Notes:
1.
The input and output negative ratings may be exceeded if the input and output diode current ratings are observed.
2.
VDDx references the specific SDIO port VDD rail (i.e. VDDH1, VDDH2, VDDC).
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VDDC
Supply Voltage - Card Side
1.65
3.60
V
VDDH1, VDDH2
Supply Voltage - Dual Host Controller
1.65
3.60
V
VCNTRL
Control Input Voltage - VS, VOE
0
VDDC
V
VCLKI
Clock Input Voltage - VCLKI
0
VDDH1/H2
V
VSW
Switch I/O Voltage
CMD, DAT[3:0]
0
VDDC
V
1CMD, 1DAT[3:0]
0
VDDH1
V
2CMD, 2DAT[3:0]
0
VDDH2
V
TA
Operating Temperature
-40
+85
°C
JA
Thermal Resistance, Free Air
MLP Package
+50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com