Electronic Components Datasheet Search
  English  ▼

X  

FSSD07 Datasheet(PDF) 12 Page - ON Semiconductor

Part # FSSD07
Description  1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSSD07 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FSSD07 Datasheet HTML 7Page - ON Semiconductor FSSD07 Datasheet HTML 8Page - ON Semiconductor FSSD07 Datasheet HTML 9Page - ON Semiconductor FSSD07 Datasheet HTML 10Page - ON Semiconductor FSSD07 Datasheet HTML 11Page - ON Semiconductor FSSD07 Datasheet HTML 12Page - ON Semiconductor FSSD07 Datasheet HTML 13Page - ON Semiconductor FSSD07 Datasheet HTML 14Page - ON Semiconductor FSSD07 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSSD07 Rev. 1.0.2
11
Test Diagrams (Continued)
tRISE =2.5ns
GND
Vddx
90%
90%
10%
10%
t FALL=2.5ns
Vddx/2
V ddx/2
Input - VCLKI
Output - VOUT
50%
50%
VOHC
VOL
tpLH
tpHL
R
S and RT are functions of the application
environment (see AC tables for specific values).
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
RT
GND
VS
GND
Off Isolation = 20 Log (V
OUT /VIN )
VIN
OUT
RT
GND
RT
GND
GND
GND
GND
RS
/V
VIN
Figure 11. CLK Propagation Delay Waveforms
Figure 12. Channel Off Isolation
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
RT
GND
R
S and RT are functions of the application environment
(see AC tables for specific values).
VS
GND
NC
Crosstalk = 20 Log (VOUT/VIN )
VIN
Figure 13. Channel-to-Channel Crosstalk
VS = 0 or Vddh
Capacitance
Meter
S
f=1MHz
nDAT[3:0], nCMD, nCLK
VS = 0 orVddh
Capacitance
Meter
S
f=1MHz
nDAT[3:0], nCMD, nCLK
nDAT[3:0], nCMD, nCLK
Figure 14. Channel On Capacitance
Figure 15. Channel Off Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com