Electronic Components Datasheet Search
  English  ▼

X  

2902745 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2902745
Description  Hybrid motor starter - ELR H51-IESSC-24DC500AC-9
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2902745 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2902745 Datasheet HTML 1Page - PHOENIX CONTACT 2902745 Datasheet HTML 2Page - PHOENIX CONTACT 2902745 Datasheet HTML 3Page - PHOENIX CONTACT 2902745 Datasheet HTML 4Page - PHOENIX CONTACT 2902745 Datasheet HTML 5Page - PHOENIX CONTACT 2902745 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2902745
09/06/2018   Page 3 / 6
Hybrid motor starter - ELR H51-IESSC-24DC500AC-9 - 2902745
Technical data
Connection data, input side
Connection name
Control circuits
Connection method
Screw connection
Stripping length
8 mm
Screw thread
M3
Conductor cross section solid
0.2 mm² ... 2.5 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 14
Torque
0.5 Nm ... 0.6 Nm
Connection data, output side
Connection name
Load circuit
Connection method
Screw connection
Stripping length
8 mm
Screw thread
M3
Conductor cross section solid
0.2 mm² ... 2.5 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 14
Torque
0.5 Nm ... 0.6 Nm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 70 °C (observe derating)
Ambient temperature (storage/transport)
-40 °C ... 80 °C
Degree of protection
IP20
Dimensions
Width
22.5 mm
Height
160 mm
Depth
114.5 mm
UL data
SCCR
100 kA (500 V AC (fuse: 30 A class CC/30 A class J (high fault)))
5 kA (500 V AC (fuse: 20 A RK5 (standard fault)))
FLA
6.5 A (500 V AC)
Group installation
20 A (class RK5, SCCR 5kA, #24 - 14 AWG max. solid and stranded)
30 A (class CC or J, SCCR 100kA, #24 - 14 AWG max, solid and
stranded)
Category code
NLDX / NRNT
Insulation characteristics
Rated insulation voltage
500 V
Rated surge voltage
6 kV
Overvoltage category
III
Degree of pollution
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com