Electronic Components Datasheet Search
  English  ▼

X  

2902745 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2902745
Description  Hybrid motor starter - ELR H51-IESSC-24DC500AC-9
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2902745 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2902745 Datasheet HTML 1Page - PHOENIX CONTACT 2902745 Datasheet HTML 2Page - PHOENIX CONTACT 2902745 Datasheet HTML 3Page - PHOENIX CONTACT 2902745 Datasheet HTML 4Page - PHOENIX CONTACT 2902745 Datasheet HTML 5Page - PHOENIX CONTACT 2902745 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2902745
09/06/2018   Page 4 / 6
Hybrid motor starter - ELR H51-IESSC-24DC500AC-9 - 2902745
Technical data
Insulation characteristics
Designation
Insulation characteristics between the control input and control supply
voltage, and auxiliary circuit to the main circuit
Insulation
Safe isolation (IEC 60947-1) at operating voltage ≤ 300 V AC
Safe isolation (EN 50178) at operating voltage ≤ 300 V AC
Basic isolation (IEC 60947-1) at operating voltage 300 ... 500 V AC
Safe isolation (EN 50178) at operating voltage 300 ... 500 V AC
Designation
Isolation characteristics between the control input and control supply
voltage to auxiliary circuit
Insulation
Safe isolation (IEC 60947-1) in the auxiliary circuit ≤ 300 V AC
Safe isolation (EN 50178) in the auxiliary circuit ≤ 300 V AC
Standards and Regulations
Designation
Standards/regulations
Standards/regulations
IEC 60947-1
EN 60947-4-2
IEC 61508
ISO 13849
ATEX
# II (2) G [Ex e] [Ex d] [Ex px]
# II (2) D [Ex t] [Ex p]
Approvals/conformities
Safety Integrity Level according to IEC 61508
≤ 3 (Safe shutdown)
2 (Motor protection)
Category acc. to EN ISO 13849
≤ 3 (Safe shutdown)
Performance level according to ISO 13849
e (Safe shutdown)
ATEX
# II (2) G [Ex e] [Ex d] [Ex px]
# II (2) D [Ex t] [Ex p]
EU-type examination certificate
PTB 07 ATEX 3145
UL certificate
NLDX.E228652
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com