Electronic Components Datasheet Search
  English  ▼

X  

2902745 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2902745
Description  Hybrid motor starter - ELR H51-IESSC-24DC500AC-9
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2902745 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2902745 Datasheet HTML 1Page - PHOENIX CONTACT 2902745 Datasheet HTML 2Page - PHOENIX CONTACT 2902745 Datasheet HTML 3Page - PHOENIX CONTACT 2902745 Datasheet HTML 4Page - PHOENIX CONTACT 2902745 Datasheet HTML 5Page - PHOENIX CONTACT 2902745 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2902745
09/06/2018   Page 2 / 6
Hybrid motor starter - ELR H51-IESSC-24DC500AC-9 - 2902745
Technical data
Input data
Rated actuating current IC
5 mA
Switching threshold
9.6 V (“0” signal)
19.2 V (“1” signal)
Switching level
< 5 V DC (For EMERGENCY STOP)
Typical turn-off time
< 30 ms
Type of protection
Reverse polarity protection
Output data load output
Output name
AC output
Rated operating voltage Ue
500 V AC
Operating voltage range
42 V AC ... 550 V AC
Mains frequency
50/60 Hz
Load current range
1.5 A ... 9 A (see to derating)
Trigger characteristic in acc. with IEC 60947-4-2
Class 10A
Cooling time
20 min. (for auto reset)
Leakage current
0 mA
Type of protection
Surge protection
Short-circuit protection
Output data reply output
Output name
Acknowledge output
Note
Confirmation: floating change-over contact, signal contact
Contact type
1 PDT
Switching capacity according to IEC 60947-5-1
3 A (230 V, AC15)
2 A (24 V, DC13)
Overspeed tripping
Operate threshold
> 45 A
Response time
< 2 s
General
Switching frequency
≤ 2 Hz (Load-dependent)
Mounting position
vertical (horizontal DIN rail, motor output below)
Mounting type
DIN rail mounting
Assembly instructions
alignable, for spacing see derating
Operating mode
100% operating factor
Maximum power dissipation
12 W
Minimum power dissipation
0.88 W
Operating voltage display
Green LED
Status display
Yellow LED
Indication
Red LED
Connection data, input side



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com