Electronic Components Datasheet Search
  English  ▼

X  

2902745 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2902745
Description  Hybrid motor starter - ELR H51-IESSC-24DC500AC-9
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2902745 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2902745 Datasheet HTML 1Page - PHOENIX CONTACT 2902745 Datasheet HTML 2Page - PHOENIX CONTACT 2902745 Datasheet HTML 3Page - PHOENIX CONTACT 2902745 Datasheet HTML 4Page - PHOENIX CONTACT 2902745 Datasheet HTML 5Page - PHOENIX CONTACT 2902745 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2902745
09/06/2018   Page 1 / 6
Hybrid motor starter - ELR H51-IESSC-24DC500AC-9 - 2902745
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Short-circuit-proof hybrid motor starter for reversing 3~ AC motors up to 550 V AC, with 24 V DC input, 9 A
output current, emergency stop function, and adjustable overload shutdown. Can only be used with EM-RD
adapter, EM-RI adapter or power distribution board.
Why buy this product
 22.5 mm wide
 Safety level according to IEC 61508-1: SIL 3, ISO 13849: PL e
 Reduction in wiring
 Long service life
 Space saving
 Adjustable current for bimetal function
 Low-wear switching
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356673631
Technical data
Device supply
Rated control circuit supply voltage US
24 V DC
Control supply voltage range
19.2 V DC ... 30 V DC
Rated control supply current IS
40 mA
Type of protection
Surge protection
Reverse polarity protection
Input data
Input name
Control input right/left
Rated actuating voltage UC
24 V DC
Triggering voltage range
19.2 V DC ... 30 V DC


Similar Part No. - 2902745

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2902744 PHOENIX-2902744 Datasheet
69Kb / 5P
Hybrid motor starter - ELR H51-IESSC-24DC500AC-2
2902746 PHOENIX-2902746 Datasheet
70Kb / 5P
Hybrid motor starter - ELR H51-IESSC-24DC500AC-06
2902747 PHOENIX-2902747 Datasheet
56Kb / 3P
Adapter for mounting short circuit-proof hybrid motor starters of type ELR-H51 on 35 mm DIN rails.
2902748 PHOENIX-2902748 Datasheet
56Kb / 3P
Adapter - EM RI-ADAPTER COMPACT
More results

Similar Description - 2902745

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900422 PHOENIX-2900422 Datasheet
107Kb / 12P
Hybrid motor starter - ELR H5-IES-SC-230AC/500AC-9
2900538 PHOENIX-2900538 Datasheet
90Kb / 5P
Hybrid motor starter - ELR H5-SC- 24DC/500AC-9
2900570 PHOENIX-2900570 Datasheet
93Kb / 8P
Hybrid motor starter - ELR H3-IES-SC-230AC/500AC-9
2900576 PHOENIX-2900576 Datasheet
103Kb / 12P
Hybrid motor starter - ELR H5-I-SC- 24DC/500AC-9
2902744 PHOENIX-2902744 Datasheet
69Kb / 5P
Hybrid motor starter - ELR H51-IESSC-24DC500AC-2
2902746 PHOENIX-2902746 Datasheet
70Kb / 5P
Hybrid motor starter - ELR H51-IESSC-24DC500AC-06
2902952 PHOENIX-2902952 Datasheet
100Kb / 5P
Hybrid motor starter - ELR H51-0.6-DIN-RAIL-SET
2902953 PHOENIX-2902953 Datasheet
59Kb / 4P
Hybrid motor starter - ELR H51-2.4-DIN-RAIL-SET
2902954 PHOENIX-2902954 Datasheet
59Kb / 4P
Hybrid motor starter - ELR H51-9-DIN-RAIL-SET
2903906 PHOENIX-2903906 Datasheet
111Kb / 7P
Hybrid motor starter - ELR H5-IES-PT- 24DC/500AC-9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com