Electronic Components Datasheet Search
  English  ▼

X  

FH35C Datasheet(PDF) 6 Page - Hirose Electric

Part # FH35C
Description  0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH35C Datasheet(HTML) 6 Page - Hirose Electric

Back Button FH35C Datasheet HTML 2Page - Hirose Electric FH35C Datasheet HTML 3Page - Hirose Electric FH35C Datasheet HTML 4Page - Hirose Electric FH35C Datasheet HTML 5Page - Hirose Electric FH35C Datasheet HTML 6Page - Hirose Electric FH35C Datasheet HTML 7Page - Hirose Electric FH35C Datasheet HTML 8Page - Hirose Electric FH35C Datasheet HTML 9Page - Hirose Electric FH35C Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FH35C Series●0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
BFPC material composition (Recommended specifications)
Surface treatment
Copper foil
Base adhesive
Base film
Reinforcement material adhesive
Stiffener film
1.Single-Sided FPC
Name of material
Material property
2.Double-Sided FPC
3.Additional notes on FPC
Cover lay film
Cover adhesive
Surface treatment
Through-hole copper plating
Copper foil
Base adhesive
Base film
Base adhesive
1. The FPC material composition is to be used as a reference example. Please make sure that the thickness of the FPC
mating area is 0.2± 0.03 mm as previously referred to in the product specification section.
2. Please contact the FPC manufacturer for the details on its material composition.
*When using Double-Sided FPC, the copper foil on the back side of the FPC should be eliminated. This is to prevent any unintentional
unlocking due to bent or deformed FPC.
Cover lay film
Cover adhesive
Polyimide 1 mil
Copper foil
Cover adhesive
Cover lay film
Reinforcement material adhesive
Stiffener film
Cu
½ oz
Thermoset adhesive
Polyimide
1 mil
Thermoset adhesive
Polyimide
1 mil
Total
(18)
25
25
25
25
197
3
35
25
25
40
75
203
Thickness (µm)
(25)
(25)
Polyimide
1 mil
Nickel undercoat 1 to 5 µm+
Gold plating 0.2 µm
Cu
Cu
½ oz
Thermoset adhesive
Polyimide
1 mil
Thermoset adhesive
(25)
(25)
3
15
18
18
25
18
Name of material
Material property
Thickness (µm)
Nickel undercoat 1 to 5µm+
Gold plating 0.2µm
Cu
1 oz
Heat hardened adhesive
Polyimide
1 mil
Heat hardened adhesive
Polyimide
3 mil
Total



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com