Electronic Components Datasheet Search
  English  ▼

X  

FH35C Datasheet(PDF) 11 Page - Hirose Electric

Part # FH35C
Description  0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH35C Datasheet(HTML) 11 Page - Hirose Electric

Back Button FH35C Datasheet HTML 4Page - Hirose Electric FH35C Datasheet HTML 5Page - Hirose Electric FH35C Datasheet HTML 6Page - Hirose Electric FH35C Datasheet HTML 7Page - Hirose Electric FH35C Datasheet HTML 8Page - Hirose Electric FH35C Datasheet HTML 9Page - Hirose Electric FH35C Datasheet HTML 10Page - Hirose Electric FH35C Datasheet HTML 11Page - Hirose Electric FH35C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FH35C Series●0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
FPC
FPC
FPC
[Operational Method]
BConnector Handling and Precautions
6. FPC Routing
❶ FPC should be routed in a manner that no strain or load is exerted onto the FPC. Disregarding this note may
result in unintentional disconnection or damage to the FPC, which can lead to defects such as contact failure.
Caution:
•Do not allow the FPC or stiffener to touch the casings, housings or any other items.
•When routing the FPC, make sure that no strain or load is applied to the connector in a pulling, pushing or
side-to-side motion. Additionally, make sure that no excessive upward or downward force is applied to the
connector.
•When routing the FPC, make sure that the routing provides a stress free path for the FPC and keep the
stiffener parallel to the PCB. Observe proper bend radiuses.
•Do not place or mount any parts that will interfere with the FPC routing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com