Electronic Components Datasheet Search
  English  ▼

X  

FH35C Datasheet(PDF) 10 Page - Hirose Electric

Part # FH35C
Description  0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH35C Datasheet(HTML) 10 Page - Hirose Electric

Back Button FH35C Datasheet HTML 4Page - Hirose Electric FH35C Datasheet HTML 5Page - Hirose Electric FH35C Datasheet HTML 6Page - Hirose Electric FH35C Datasheet HTML 7Page - Hirose Electric FH35C Datasheet HTML 8Page - Hirose Electric FH35C Datasheet HTML 9Page - Hirose Electric FH35C Datasheet HTML 10Page - Hirose Electric FH35C Datasheet HTML 11Page - Hirose Electric FH35C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FH35C Series●0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
[Operational Method]
BConnector Handling and Precautions
4. Locking method
❶ Operate the actuator in a rotational manner and press it down.
Rotate and push down on the middle portion or the entire width of the actuator using the finger tip.
Be sure to distribute the pressure evenly across the actuator, pressing down on only one side of the actuator
may damage the actuator. Excessive force on the housing can also lead to damage or malfunction.
5. Removing the FPC
❶ Slowly rotate the actuator in an upward motion. After it is unlocked, the FPC can be removed.
❷ When unlocking the actuator, always touch the middle portion of the actuator.
Again, be sure to distribute the pressure evenly across the actuator, pressing down on only one side may
damage the actuator. The actuator has a maximum opening of 90°. Trying to open it more than that or applying
any unnecessary force to the actuator will cause damage and possibly failure of the connector.
This connector uses a back flip type structure. The direction of the FPC insertion and that of the actuator are
different from front flip type connectors. Do not to try to open the actuator from the FPC side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com