Electronic Components Datasheet Search
  English  ▼

X  

FH35C Datasheet(PDF) 12 Page - Hirose Electric

Part # FH35C
Description  0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH35C Datasheet(HTML) 12 Page - Hirose Electric

Back Button FH35C Datasheet HTML 4Page - Hirose Electric FH35C Datasheet HTML 5Page - Hirose Electric FH35C Datasheet HTML 6Page - Hirose Electric FH35C Datasheet HTML 7Page - Hirose Electric FH35C Datasheet HTML 8Page - Hirose Electric FH35C Datasheet HTML 9Page - Hirose Electric FH35C Datasheet HTML 10Page - Hirose Electric FH35C Datasheet HTML 11Page - Hirose Electric FH35C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
FH35C Series●0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
6-3,Nakagawa Chuoh-2-Chome,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®
Connector
FPC(for mounting connectors)
[Precautions for mounting the connectors onto PCB]
BConnector Handling and Precautions
◆PCB Warpage
Minimize PCB warpage. Although the coplanarity of this connector is 0.1 mm or less, mounting problems and
defects may occur when excess PCB warpage is present.
◆Mounting onto FPC
When mounting the connector on FPC, be sure to use a reinforcing board as it will make it easier to handle and
more reliable. We recommend that you use glass epoxy, 0.3 mm thickness or more.
◆Load to Connector
Do not apply any external force of 0.5 N or more to the connector before mounting it. Excessive forces may
cause the connector to break. Do not insert the FPC or operate the actuator before mounting the connector.
◆Load to board
•Divide the base material for multiple PCBs
•Fasten the PCBs with screws
Care should be taken so that the load is not exerted on the PCBs during the assembly process when
conducting operations including those previously described. Failure to adhere to these precautions may result
in connector damage and ultimately failure.
◆Hand Soldering Precautions
When performing repairs and hand soldering is being used, please take note of the following precautions:
❶Do not perform reflow or hand soldering while the FPC is inserted into the connector.
❷Do not apply excessive heat to the connector and make sure that the soldering iron only makes contact with the
connector lead. This precaution prevents connector deformation or melting.
❸ Do not apply excessive amounts of solder or flux. Using excessive amounts of solder or flux on the contacts
may cause the solder to wick into the contact areas or the shaft of the actuator. This can result in contact failure
and/or rotational problems with the actuator.
Additionally, if excessive solder or flux is applied to the reinforcing metal fittings, problems may develop to
the rotation function of the actuator and could lead to connector damage and ultimately lead to failure.
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 11/2013. Contents are subject to change without notice for the purpose of improvements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com