Electronic Components Datasheet Search
  English  ▼

X  

FUSB303 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FUSB303
Description  Autonomous USB Port Controller with I2C and GPIO Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303 Datasheet(HTML) 1 Page - ON Semiconductor

  FUSB303 Datasheet HTML 1Page - ON Semiconductor FUSB303 Datasheet HTML 2Page - ON Semiconductor FUSB303 Datasheet HTML 3Page - ON Semiconductor FUSB303 Datasheet HTML 4Page - ON Semiconductor FUSB303 Datasheet HTML 5Page - ON Semiconductor FUSB303 Datasheet HTML 6Page - ON Semiconductor FUSB303 Datasheet HTML 7Page - ON Semiconductor FUSB303 Datasheet HTML 8Page - ON Semiconductor FUSB303 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC, 2017
January, 2018 − Rev.1
1
Publication Order Number:
FUSB303/D
FUSB303
FUSB303 Autonomous USB
Type-CE Port Controller with
I2C and GPIO Control
Description
The FUSB303 device is a fully autonomous USB Type−C
™
controller optimized for 15 W or less applications. The FUSB303
offers CC logic detection for Source Port role, Sink Port role, DRP,
and accessory detection support, as well as Dead Battery support as
defined in USB−C specifications. The FUSB303 features configurable
address I2C access to support multiple ports per system or it can
operate autonomously configured by just pins. The FUSB303 features
ultra−low power during operation, and an ultra−thin, 12−Lead QFN
package.
Features
• Fully Autonomous USB−C™ Port Controller
• Supports Latest Type−C™ Specification Release 1.3
• Source, Sink, and DRP Port role Configuration with Optional
Accessory Support
• Try.SRC and Try.SNK modes for Preferring Source Role or Sink
Role Respectively
• VDD Operating Range, 2.85 V − 5.5 V
• Typical Low Power Operation: ICC < 10 mA
• GPIO and I2C Configuration
• Max 28 V DC Tolerance on ID, VBUS_DET, CC1 and CC2
• Dead Battery Support (Sink Port role when No Power Applied)
• 4 kV HBM ESD Protection for Connector Pins
• Small Packaging, 12 Lead QFN
(1.6 mm
× 1.6 mm × 0.375 mm)
Applications
• Smartphones
• Tablets
• Laptops
• Accessoires
• Industrial
• Power Banks
www.onsemi.com
QFN12
CASE 722AG
MARKING DIAGRAM
XXXX
= Specific Device Code
F
= Wafer Fab
A
= Assembly Site
WL
= Lot ID
YY
= Year
WW
= Work Week
G
= Pb-Free Package
1
XXXX
FAWLYY-
WW
G
G
(Note: Microdot may be in either location)
See detailed ordering and shipping information on page 3 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - FUSB303

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB303B ONSEMI-FUSB303B Datasheet
269Kb / 18P
FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
April, 2020 ??Rev. 1
FUSB303BTMX ONSEMI-FUSB303BTMX Datasheet
269Kb / 18P
FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
April, 2020 ??Rev. 1
FUSB303EVBUM ONSEMI-FUSB303EVBUM Datasheet
262Kb / 6P
The FUSB303 device is a fully autonomous USB Type?묬 controller optimized for 15W or less applications
January, 2018 ??Rev. 1
More results

Similar Description - FUSB303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22993 TI1-TPS22993 Datasheet
624Kb / 6P
Quad Channel Load Switch with GPIO and I2C Control
TPS22993 TI1-TPS22993_16 Datasheet
2Mb / 38P
Quad Channel Load Switch with GPIO and I2C Control
TPS22994 TI1-TPS22994 Datasheet
1Mb / 44P
Quad Channel Load Switch with GPIO and I2C Control
logo
ON Semiconductor
FUSB301 ONSEMI-FUSB301 Datasheet
310Kb / 14P
Autonomous USB Type-C Controller with Super Speed Switch Control
June, 2018 ??Rev. 0
FUSB301A ONSEMI-FUSB301A Datasheet
315Kb / 14P
Autonomous USB Type-C Controller with Configurable I2C Address
June, 2018 ??Rev. 0
logo
Nuvoton Technology Corp...
NCT5655Y NUVOTON-NCT5655Y Datasheet
836Kb / 26P
16-bit I2C-bus and SMBus GPIO controller with interrupt
logo
Shanghai awinic technol...
AW9523B AWINIC-AW9523B Datasheet
816Kb / 21P
16 MULTI-FUNCTION LED DRIVER AND GPIO CONTROLLER WITH I2C INTERFACE
logo
Prolific Technology Inc...
PL2303TB PROLIFIC-PL2303TB Datasheet
107Kb / 1P
USB to Serial and GPIO Bridge Controller
logo
STMicroelectronics
STUSB4710 STMICROELECTRONICS-STUSB4710 Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
logo
ON Semiconductor
FUSB303B ONSEMI-FUSB303B Datasheet
269Kb / 18P
FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
April, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com