Electronic Components Datasheet Search
  English  ▼

X  

MHT1002N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MHT1002N
Description  RF Power LDMOS Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT1002N Datasheet(HTML) 3 Page - NXP Semiconductors

  MHT1002N Datasheet HTML 1Page - NXP Semiconductors MHT1002N Datasheet HTML 2Page - NXP Semiconductors MHT1002N Datasheet HTML 3Page - NXP Semiconductors MHT1002N Datasheet HTML 4Page - NXP Semiconductors MHT1002N Datasheet HTML 5Page - NXP Semiconductors MHT1002N Datasheet HTML 6Page - NXP Semiconductors MHT1002N Datasheet HTML 7Page - NXP Semiconductors MHT1002N Datasheet HTML 8Page - NXP Semiconductors MHT1002N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MHT1002NR3 MHT1002GNR3
3
RF Device Data
Freescale Semiconductor, Inc.
Table 6. Typical Performance
In Freescale Reference Circuit, 50 ohm system, VDD =48 Vdc, IDQ(A+B) = 100 mA, Pout = 350 W, 915 MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Power Gain
Gps
—
20.7
—
dB
Power Added Efficiency
PAE
—
66.9
—
%
Pout @ 1 dB Compression Point
P1dB
—
387
—
W
Pout @ 3 dB Compression Point, CW
P3dB
—
443
—
W
Gain Variation over Temperature
(+25
C to +125C)
G
—
0.04
—
dB/
C
Output Power Variation over Temperature
(+25
C to +125C)
P1dB
—
0.009
—
dB/
C
Table 7. Load Mismatch/Ruggedness
In Freescale Reference Circuit, 50 ohm system, IDQ(A+B) = 100 mA
Frequency
(MHz)
Signal Type
VSWR
Pin
(W)
Test Voltage, VDD
Result
915
CW
> 10:1 at all
Phase Angles
9.0
(3 dB Overdrive)
48
No Device
Degradation
Table 8. Ordering Information
Device
Tape and Reel Information
Package
MHT1002NR3
R3 Suffix = 250 Units, 32 mm Tape Width, 13--inch Reel
OM--780--4L
MHT1002GNR3
OM--780G--4L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com