Electronic Components Datasheet Search
  English  ▼

X  

MHT1002N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MHT1002N
Description  RF Power LDMOS Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT1002N Datasheet(HTML) 1 Page - NXP Semiconductors

  MHT1002N Datasheet HTML 1Page - NXP Semiconductors MHT1002N Datasheet HTML 2Page - NXP Semiconductors MHT1002N Datasheet HTML 3Page - NXP Semiconductors MHT1002N Datasheet HTML 4Page - NXP Semiconductors MHT1002N Datasheet HTML 5Page - NXP Semiconductors MHT1002N Datasheet HTML 6Page - NXP Semiconductors MHT1002N Datasheet HTML 7Page - NXP Semiconductors MHT1002N Datasheet HTML 8Page - NXP Semiconductors MHT1002N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MHT1002NR3 MHT1002GNR3
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistors
N--Channel Enhancement--Mode Lateral MOSFETs
These 350 W CW RF power transistors are designed for consumer and
commercial cooking applications operating in the 915 MHz ISM band.
Typical Performance: VDD =48 Vdc, IDQ(A+B) = 100 mA
Frequency
(MHz)
Signal Type
Gps
(dB)
PAE
(%)
Pout
(W)
902
CW
20.1
64.1
359
915
20.7
66.9
355
928
20.1
68.1
361
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal Type
VSWR
Pin
(W)
Test
Voltage
Result
915
CW
> 10:1
at all Phase
Angles
9.0
(3 dB
Overdrive)
48
No Device
Degradation
Features
 Characterized with series equivalent large--signal impedance parameters
and common source S--parameters
 Device can be used single--ended or in a push--pull configuration
 Internally input pre--matched for ease of use
 Qualified for operation at 50 Vdc
 Integrated ESD protection
 150C case operating temperature
 225C die temperature capability
Typical Applications
 Consumer cooking
 Commercial cooking
Document Number: MHT1002N
Rev. 0, 4/2015
Freescale Semiconductor
Technical Data
915 MHz, 350 W CW, 48 V
RF POWER LDMOS TRANSISTOR
FORCONSUMERAND
COMMERCIAL COOKING
MHT1002NR3
MHT1002GNR3
OM--780--4L
PLASTIC
MHT1002NR3
OM--780G--4L
PLASTIC
MHT1002GNR3
(Top View)
Drain A
31
Figure 1. Pin Connections
42 Drain B
Gate A
Gate B
Note: Exposed backside of the package is
the source terminal for the transistors.
 Freescale Semiconductor, Inc., 2015. All rights reserved.


Similar Part No. - MHT1002N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MHT1000H NXP-MHT1000H Datasheet
653Kb / 10P
RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
MHT1000HR5 NXP-MHT1000HR5 Datasheet
653Kb / 10P
RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
MHT1001H NXP-MHT1001H Datasheet
551Kb / 10P
RF Power LDMOS Transistor
Rev. 0, 5/2014
MHT1001HR5 NXP-MHT1001HR5 Datasheet
551Kb / 10P
RF Power LDMOS Transistor
Rev. 0, 5/2014
MHT1006N NXP-MHT1006N Datasheet
741Kb / 17P
RF Power LDMOS Transistor
Rev. 1, 12/2015
More results

Similar Description - MHT1002N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 3/2016
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
RF Power LDMOS Transistors
Rev. 1, 08/2017
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 09/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com