Electronic Components Datasheet Search
  English  ▼

X  

MHT1002N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MHT1002N
Description  RF Power LDMOS Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT1002N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MHT1002N Datasheet HTML 2Page - NXP Semiconductors MHT1002N Datasheet HTML 3Page - NXP Semiconductors MHT1002N Datasheet HTML 4Page - NXP Semiconductors MHT1002N Datasheet HTML 5Page - NXP Semiconductors MHT1002N Datasheet HTML 6Page - NXP Semiconductors MHT1002N Datasheet HTML 7Page - NXP Semiconductors MHT1002N Datasheet HTML 8Page - NXP Semiconductors MHT1002N Datasheet HTML 9Page - NXP Semiconductors MHT1002N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
MHT1002NR3 MHT1002GNR3
P3dB -- TYPICAL LOAD PULL CONTOURS — 920 MHz
1.5
0.5
1.5
2
2.5
1
3
1
–0.5
–2
0
2
–1
–1.5
1.5
0.5
1.5
2
2.5
1
3
1
–0.5
–2
0
2
–1
–1.5
NOTE:
= Maximum Output Power
= Maximum Power Added Efficiency
P
E
Gain
Power Added Efficiency
Output Power
Figure 4. P3dB Load Pull Output Power Contours (dBm)
REAL ()
1.5
0.5
1.5
2
2.5
1
3
1
–0.5
–2
Figure 5. P3dB Load Pull Power Added Efficiency
Contours (%)
REAL ()
Figure 6. P3dB Load Pull Gain Contours (dB)
REAL ()
0
2
–1
–1.5
P
E
56.5
57
56
57.5
56.5
55.5
55
54.5
54
50
P
E
52
54
56
58
60
62
64
16
16.5
P
E
17
17.5
18
18.5
19
19.5
17.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com