Electronic Components Datasheet Search
  English  ▼

X  

MHT1002N Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MHT1002N
Description  RF Power LDMOS Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT1002N Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MHT1002N Datasheet HTML 6Page - NXP Semiconductors MHT1002N Datasheet HTML 7Page - NXP Semiconductors MHT1002N Datasheet HTML 8Page - NXP Semiconductors MHT1002N Datasheet HTML 9Page - NXP Semiconductors MHT1002N Datasheet HTML 10Page - NXP Semiconductors MHT1002N Datasheet HTML 11Page - NXP Semiconductors MHT1002N Datasheet HTML 12Page - NXP Semiconductors MHT1002N Datasheet HTML 13Page - NXP Semiconductors MHT1002N Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
RF Device Data
Freescale Semiconductor, Inc.
MHT1002NR3 MHT1002GNR3
TYPICAL CHARACTERISTICS — 915 MHz REFERENCE CIRCUIT
895
Gps
f, FREQUENCY (MHz)
Figure 9. Power Gain, Power Added Efficiency and Output Power
versus Frequency at a Constant Input Power
18.5
22
330
68
66
64
62
360
350
340
PAE
21.5
20.5
905
915
VDD =48 Vdc
Pin =3.0 W
IDQ(A+B) = 100 mA
Pout
21
20
19.5
19
910
900
935
920
925
930
0
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 10. Output Power versus Gate--Source Voltage
500
0.5
1
1.5
2
400
300
100
f = 915 MHz
VDD =48 Vdc,Pin =3.0 W
0
0
Detail A
f = 915 MHz
Detail A
VDD =48 Vdc
Pin =1.5 W
VGS, GATE--SOURCE VOLTAGE (VOLTS)
200
VDD =48 Vdc,Pin =1.5 W
2
0.5
60
80
100
4
2.5
40
20
1
VDD =48 Vdc
Pin =3.0 W
3
3.5
1.5
Figure 11. Power Gain, Power Added Efficiency and
Input Power versus Output Power and Frequency
Pout, OUTPUT POWER (WATTS)
16
22
20
10
1000
Gps
7.5
10
0
2.5
28
26
24
10
70
90
100
Pin
18
30
14
12
50
30
5
PAE
f = 928 MHz
915 MHz
VDD =48 Vdc
IDQ(A+B) = 100 mA
902 MHz
928 MHz
915 MHz
902 MHz
902 MHz
915 MHz
928 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com