Electronic Components Datasheet Search
  English  ▼

X  

HMC987LP5E Datasheet(PDF) 5 Page - Analog Devices

Part # HMC987LP5E
Description  LOW NOISE 1:9 FANOUT BUFFER DC - 8 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC987LP5E Datasheet(HTML) 5 Page - Analog Devices

  HMC987LP5E Datasheet HTML 1Page - Analog Devices HMC987LP5E Datasheet HTML 2Page - Analog Devices HMC987LP5E Datasheet HTML 3Page - Analog Devices HMC987LP5E Datasheet HTML 4Page - Analog Devices HMC987LP5E Datasheet HTML 5Page - Analog Devices HMC987LP5E Datasheet HTML 6Page - Analog Devices HMC987LP5E Datasheet HTML 7Page - Analog Devices HMC987LP5E Datasheet HTML 8Page - Analog Devices HMC987LP5E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
HMC987LP5E
v03.1112
LOW NOISE 1:9 FANOUT BUFFER
DC - 8 GHz
TYPICAL PERFORMANCE CHARACTERISTICS
unless otherwise speciied: t = 27 °C, regulated VDD = 3.3 V, 2 GHz, 6 dbm in, AC coupled single ended input and output, 120 Ω/leg DC termination,
AC coupled into 50 Ω measuring load.
Figure 1. LVPECL Output vs. Frequency [1]
Figure 2. LVPECL Output vs. Frequency [1]
Figure 3. Current Consumption vs. Num.
of Enabled Buffers & Load Resistors[2]
Figure 4. Skew of LVPECL Outputs
Relative to Output Channel 1 [4]
[1] +2dbm input, uncorrected for board loss. Measurement is band limited by the trace bandwidth of 7 GHz.
[2] buffers 1 through 8 are successively turned on. rF Min - rF buffer turned on with minimum gain, rF Max - rF buffer turned on with maximum gain
[3] 200 Ω termination, Corrected for board loss.
[4] Characterized at 2 GHz, Effects of customer evaluation board skew and loss are embedded.
[5] the graph shows only output trace distortion.
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
-800
-600
-400
-200
0
200
400
600
800
TIME (picoseconds)
4 GHz OUTP
4 GHz OUTN
2 GHz OUTN
1 GHz OUTP
1 GHz OUTN
2 GHz OUTP
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0
20
40
60
80
100
120
4 GHz
2 GHz
1 GHz
TIME (ps)
Figure 5. Fundamental Output Power vs.
Input Power [3]
-20
-15
-10
-5
0
5
-30
-24
-18
-12
-6
0
6
INPUT POWER (dBm)
400 MHz
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
Figure 6. Evaluation Board LVPECL Output
Trace Loss vs. Frequency [5]
-15
-10
-5
0
5
10
15
P1
P2
P3
P4
P5
P6
P7
P8
OUTPUT CHANNEL
0
100
200
300
400
500
1
2
3
4
5
5
6
7
8
RF Min RF Max
NUMBER OF OUTPUTS SUCCESSIVELY TURNED ON
Ground Current (Does not depend on termination)
120 Ohm DC Termination
300 Ohm DC Termination
200 Ohm DC Termination
-7
-6
-5
-4
-3
-2
-1
0
100
1000
10000
OUTPUT FREQUENCY (MHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com