Electronic Components Datasheet Search
  English  ▼

X  

HMC987LP5E Datasheet(PDF) 14 Page - Analog Devices

Part # HMC987LP5E
Description  LOW NOISE 1:9 FANOUT BUFFER DC - 8 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC987LP5E Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC987LP5E Datasheet HTML 10Page - Analog Devices HMC987LP5E Datasheet HTML 11Page - Analog Devices HMC987LP5E Datasheet HTML 12Page - Analog Devices HMC987LP5E Datasheet HTML 13Page - Analog Devices HMC987LP5E Datasheet HTML 14Page - Analog Devices HMC987LP5E Datasheet HTML 15Page - Analog Devices HMC987LP5E Datasheet HTML 16Page - Analog Devices HMC987LP5E Datasheet HTML 17Page - Analog Devices HMC987LP5E Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
14
HMC987LP5E
v03.1112
LOW NOISE 1:9 FANOUT BUFFER
DC - 8 GHz
Theory of Operation
Parallel Port Control
the various outputs of the can be enabled/disabled by using parallel pin control, or via the sPi. in parallel-mode
(PMoDE-sEl = 1), the sPi input pins (sClk, ski, sEn) are re-interpreted as a 3-bit control bus, and enable the
lVPECl drivers according to the following truth table.
sClk, sDi, sEn
000: out2
001: out2 + out7
010: out2 + out7 + out4
011: out2 + out7 + out4 + out6
100: out2 + out7 + out4 + out6 + out5
101: out2 + out7 + out4 + out6 + out5 + out3
110: out2 + out7 + out4 + out6 + out5 + out3 + out8
111: out2 + out7 + out4 + out6 + out5 + out3 + out8 + out1
under sPi control (PMoDE-sEl = 0, see section “register Map” for the register map and sPi protocol details), there
is slightly more lexibility in that any combination of buffers can be enabled or disabled via the individual buffer enable
bits in reg02h.
the part features switches on both the input and output signals, so that when the part is disabled (via either the
CEn pin, or the sPi control bit reg01h[0]), the power-down current drops to < 2 µA, regardless of the io termination
scheme.
Input Stage
the input stage, Figure 26, is lexible. it can be driven single-ended or differential, with lVPECl, lVDs, or CMl
signals. if driven single-ended, a large AC coupling cap to ground should be used on the undriven input. the input
impedance is selectable, via reg03h[3], between 50 Ω or 150 Ω single ended(100 Ω or 300 Ω differential). the DC
bias level of 2.0 V can be generated internally by programming reg03[1]=1 (default coniguration), supplied externally,
or generated via an lVPECl termination network inside the part.
Chip Enable
the HMC987 has a chip enable feature, CEn, which can be used to power down or deactivate the lVPECl and rF
outputs. this can be done by either hardware, pin 31, or a sPi command, reg01.
For a hardware selection, a logic 0 applied to CEn will power down the HMC987, however, sPi commands can
still be written which will be recognized upon when a logic 1 is applied to CEn. note, there is no internal pull-up or
pull-down and this pin must be terminated. to control CEn by sPi command, reg 01h[0] is set to 1, which is the default
mode, and enables the outputs. When reg01[0]=0 then the outputs are disabled. Either a hardware, pin 31, or a sPi
command will disable the outputs.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com