Electronic Components Datasheet Search
  English  ▼

X  

HMC987LP5E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC987LP5E
Description  LOW NOISE 1:9 FANOUT BUFFER DC - 8 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC987LP5E Datasheet(HTML) 2 Page - Analog Devices

  HMC987LP5E Datasheet HTML 1Page - Analog Devices HMC987LP5E Datasheet HTML 2Page - Analog Devices HMC987LP5E Datasheet HTML 3Page - Analog Devices HMC987LP5E Datasheet HTML 4Page - Analog Devices HMC987LP5E Datasheet HTML 5Page - Analog Devices HMC987LP5E Datasheet HTML 6Page - Analog Devices HMC987LP5E Datasheet HTML 7Page - Analog Devices HMC987LP5E Datasheet HTML 8Page - Analog Devices HMC987LP5E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC987LP5E
v03.1112
LOW NOISE 1:9 FANOUT BUFFER
DC - 8 GHz
Table 1. Electrical Speciications
unless otherwise speciied: t = 27 °C, regulated VDD of 3.3 V, 2 GHz, 6 dbm in, AC coupled single ended input and
output, 120 Ω/leg DC termination, AC coupled into 50 Ω measuring load. Effects of customer eval board (“Evaluation
PCb schematic”) are de-embedded. For convenience, all voltages are referenced to GnD (0V), but negative supply
references are acceptable.
Parameter
Conditions
Min.
typ.
Max.
units
DC input Characteristics
VDD (VCCHF=VCCA=VCCb=VCCrF)
3.0
3.3
3.6
V
input Common Mode Voltage
1.35
2
VDD - 0.2
V
input swing (single Ended)
0.2
2
Vpp
input Capacitance
0.5
pF
input impedance
single-Ended
selectable
50 / 150
Ω
Differential
selectable
100 / 300
Ω
input bias Current
base current under external
DC bias, internal termination
open.
165
µA
logic inputs
switching threshold (Vsw)
ViH/Vil within 50 mV of Vsw
38
47
54
%VDD
lVPECl DC output Characteristics
output Voltage High level
@ 3.3 V = 2.25
VDD - 1.2
VDD - 1.0
VDD - 0.8
V
ouput Voltage Common Mode
@ 3.3 V = 1.82
VDD - 1.7
VDD - 1.5
VDD - 1.3
V
output Voltage low level
@ 3.3 V = 1.42
VDD - 2.1
VDD - 1.9
VDD - 1.7
V
output Voltage, single-Ended
800
mVpp
AC Performance
input/output Frequency [1]
> 400 Vpp single-ended
DC
8000
MHz
3 db bandwidth
4000
MHz
output rise/Fall time
20% to 80%
65
ps
typical Channel skew
Across all lVPECl outputs
relative to channel 1
0
1.5
3.1
ps
small signal Gain s21
1000 MHz
26
db
4000 MHz
15
db
input P1db
1000 MHz
-20
dbm
4000 MHz
-10
dbm
saturated Power in fundamental tone (single-Ended)
1000 MHz
2.5
dbm
4000 MHz
-0.5
dbm
output Voltage swing (Vppd into 100 Ω)
700 MHz
1.5
1.6
1.7
V
2000 MHz
1.2
1.3
1.4
V
[1] For frequencies < 700 MHz, square wave signals should be used to maintain high quality phase noise performance.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com