Electronic Components Datasheet Search
  English  ▼

X  

HMC987LP5E Datasheet(PDF) 19 Page - Analog Devices

Part # HMC987LP5E
Description  LOW NOISE 1:9 FANOUT BUFFER DC - 8 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC987LP5E Datasheet(HTML) 19 Page - Analog Devices

Back Button HMC987LP5E Datasheet HTML 15Page - Analog Devices HMC987LP5E Datasheet HTML 16Page - Analog Devices HMC987LP5E Datasheet HTML 17Page - Analog Devices HMC987LP5E Datasheet HTML 18Page - Analog Devices HMC987LP5E Datasheet HTML 19Page - Analog Devices HMC987LP5E Datasheet HTML 20Page - Analog Devices HMC987LP5E Datasheet HTML 21Page - Analog Devices HMC987LP5E Datasheet HTML 22Page - Analog Devices HMC987LP5E Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
19
HMC987LP5E
v03.1112
LOW NOISE 1:9 FANOUT BUFFER
DC - 8 GHz
RF Output Stage
the rF output buffer is a CMl output stage with 50 Ω impedance (single-ended) and adjustable power. in parallel
mode (the PMoDE_sEl pin = 1), it is at max gain (~ +3 dbm single-ended), whereas under sPi control, the gain can
be lowered in ~3 db steps down to -9 dbm single-ended. see reg04(h) for more information.
Figure 37. Output Stage
Serial Port Interface (SPI) Control
the HMC987lp5E can be controlled via sPi or parallel port control (for more information on parallel control see
“Parallel Port Control”). sPi control offers more lexibility. External pin PMoDE-sEl = 1 conigures the for parallel port
operation, while PMoDE-sEl = 0 will enable the sPi control of.
the sPi control is required in order to re-conigure the input bias network from its’ default state (reg03h), to adjust the
output power control on the rF/CMl buffer, and to individually enable arbitrary lVPECl outputs.
Operational Modes
serial Port interface features:
a.
Compatibility with general serial port protocols that use a shift and strobe approach to communication.
b.
Compatible with HMC multi-Chip solutions, useful to address multiple chips of various types from a single
serial port bus.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com