Electronic Components Datasheet Search
  English  ▼

X  

LTC6955 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC6955
Description  Ultralow Jitter, 7.5GHz 11 Output Fanout Buffer Family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6955 Datasheet(HTML) 5 Page - Analog Devices

  LTC6955 Datasheet HTML 1Page - Analog Devices LTC6955 Datasheet HTML 2Page - Analog Devices LTC6955 Datasheet HTML 3Page - Analog Devices LTC6955 Datasheet HTML 4Page - Analog Devices LTC6955 Datasheet HTML 5Page - Analog Devices LTC6955 Datasheet HTML 6Page - Analog Devices LTC6955 Datasheet HTML 7Page - Analog Devices LTC6955 Datasheet HTML 8Page - Analog Devices LTC6955 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC6955
5
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
TYPICAL PERFORMANCE CHARACTERISTICS
Total Phase Noise, Driven from
VCO in a Locked PLL, fIN =
7500MHz, FILT = GND
Additive Jitter vs Input Slew Rate,
ADC SNR Method
CML Differential Output at 7.5GHz
TA = 25°C. VD+ = VIN+ = VOUT+ = 3.3V, unless otherwise noted.
CML Differential Output at 1GHz
Differential Output Swing
vs Frequency, Junction
Temperature
Expected Skew Variation
for a Single LTC6955-1
Expected Skew Variation
for a Single LTC6955
Skew Variation with Junction
Temperature for a Single Typical
LTC6955
VCO: CVCO55CC–4000–4000
NOTE 7
VCO OUTPUT
LTC6955 OUTPUT
LTC6955–1 OUT10 (DIV 2)
OFFSET FREQUENCY (Hz)
100
1k
10k
100k
1M
10M 40M
–180
–170
–160
–150
–140
–130
–120
–110
–100
6955 G01
NOTES 5, 6
FILT = GND
FILT = V+
INPUT SLEW RATE (V/ns)
0.1
1
10
0
100
200
300
400
500
600
700
800
900
1000
6955 G02
NOTE 9
50ps/DIV
–0.5
–0.4
–0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
0.5
6955 G03
NOTE 9
200ps/DIV
–0.5
–0.4
–0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
0.5
6955 G04
NOTES 8, 9
125°C
25°C
–40°C
OUTPUT FREQUENCY (GHz)
0
1
2
3
4
5
6
7
0.50
0.60
0.70
0.80
0.90
1.00
1.10
6955 G05
fIN = 200MHz
AVERAGE
–3σ
+3σ
NOTES 4, 10
DIVIDE BY 2
OUTPUT
OUTPUT
0
1
2
3
4
5
6
7
8
9 10
–30
–20
–10
0
10
20
30
40
50
60
70
6955 G07
NOTE 4
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
OUT9
OUT10
TJ (°C)
–40 –20
0
20
40
60
80
100 120
–40
–30
–20
–10
0
10
20
6955 G08
fIN = 200MHz
AVERAGE
–3σ
+3σ
NOTES 4, 10
OUTPUT
0
1
2
3
4
5
6
7
8
9 10
–30
–20
–10
0
10
20
6955 G06
LTC6955-1 OUT10 Skew vs
Frequency, Junction Temperature
PLACEHOLDER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com