Electronic Components Datasheet Search
  English  ▼

X  

LTC6955 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC6955
Description  Ultralow Jitter, 7.5GHz 11 Output Fanout Buffer Family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6955 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC6955 Datasheet HTML 11Page - Analog Devices LTC6955 Datasheet HTML 12Page - Analog Devices LTC6955 Datasheet HTML 13Page - Analog Devices LTC6955 Datasheet HTML 14Page - Analog Devices LTC6955 Datasheet HTML 15Page - Analog Devices LTC6955 Datasheet HTML 16Page - Analog Devices LTC6955 Datasheet HTML 17Page - Analog Devices LTC6955 Datasheet HTML 18Page - Analog Devices LTC6955 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
LTC6955
15
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Supply Bypassing and PCB Layout Guidelines
Care must be taken when creating a PCB layout to mini-
mize power supply decoupling and ground inductances.
All power supply V+ pins should be bypassed directly to
the ground plane using either a 0.01µF or a 0.1µF ceramic
capacitor as called out in the Pin Functions section as
close to the pin as possible. Multiple vias to the ground
plane should be used for all ground connections, includ-
ing to the power supply decoupling capacitors.
The presence of the divide-by-2 output on the LTC6955-1
causes a spur to appear on the other buffered outputs of
the part. This spur can be improved by adding a ferrite
bead in series with the VOUT+ supply pin for OUT10 (Pin 6).
See the Typical Application Generation of 7.25GHz, 52fs
ADC SNR Jitter Clocks Using LTC6952 and LTC6955-1
for an example.
The package’s exposed pad is a ground connection, and
must be soldered directly to the PCB land. The PCB land
pattern should have multiple thermal vias to the ground
plane for both low ground inductance and also low ther-
mal resistance (see Figure 5 for an example). An example
of grounding for electrical and thermal performance can
be found on the DC2611 layout.
Figure 5. PCB Top Metal Layer Pin and Exposed Ground Pad
Design. Pin 41 Is Signal Ground and Connected Directly to the
Exposed Pad Metal
6955 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com