Electronic Components Datasheet Search
  English  ▼

X  

LTC6955 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC6955
Description  Ultralow Jitter, 7.5GHz 11 Output Fanout Buffer Family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6955 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC6955 Datasheet HTML 14Page - Analog Devices LTC6955 Datasheet HTML 15Page - Analog Devices LTC6955 Datasheet HTML 16Page - Analog Devices LTC6955 Datasheet HTML 17Page - Analog Devices LTC6955 Datasheet HTML 18Page - Analog Devices LTC6955 Datasheet HTML 19Page - Analog Devices LTC6955 Datasheet HTML 20Page - Analog Devices LTC6955 Datasheet HTML 21Page - Analog Devices LTC6955 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LTC6955
18
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
These calculations are also theoretical. They assume a
noiseless ADC with infinite resolution. All realistic ADCs
have both added noise and a resolution limit. The limita-
tions of the ADC must be accounted for to prevent over-
specifying the sampling clock.
Figure  8 plots the previous equations and provides a
simple, quick way to estimate the sampling clock jitter
requirement for a given input signal or the expected SNR
performance for a given sample clock jitter.
Figure 8. SNR vs Input Signal Frequency vs Sample Clock Jitter
The RMS jitter of an ADC clock source can be indirectly
measured by comparing a jitter dominated SNR measure-
ment to a non-jitter dominated SNR measurement. A jitter
dominated SNR measurement (SNRjitter) is created by
applying a low jitter, high frequency full-scale sine wave
to the ADC analog input. A non-jitter dominated SNR mea-
surement (SNRbase) is created by applying a very low
amplitude (or low frequency) sine wave to the ADC analog
input. The total clock jitter (tJ(TOTAL)) can be calculated
using Equation 4.
tJ(TOTAL) =
10
1
2
log10 10
−
SNRjitter
10
⎛
⎝
⎜
⎞
⎠
⎟
−10
−
SNRbase
10
⎛
⎝
⎜
⎞
⎠
⎟
⎡
⎣
⎢
⎢
⎢
⎢
⎤
⎦
⎥
⎥
⎥
⎥
2
πfIN
(4)
Assuming the inherent aperture jitter of the ADC (tJ(ADC))
is known, the jitter of the clock generator (tJ(CLK)) is
obtained using Equation 2.
ADC Sample Clock Input Drive Requirements
Modern high speed, high resolution ADCs are incredibly
sensitive components able to match or exceed labora-
tory instrument performance in many regards. Noise or
interfering signals on the analog signal input, the voltage
reference or the sampling clock input can easily appear
in the digitized data. To deliver the full performance of
any ADC, the sampling clock input must be driven with a
clean, low jitter signal.
Figure 9 shows a simplified version of a typical ADC sam-
ple clock input. In this case the input pins are labeled
ENC± for Encode while some ADCs label the inputs CLK±
for Clock. The input is composed of a differential limiting
amplifier stage followed by a buffer that directly controls
the ADC’s track and hold stage.
The sample clock input amplifier also benefits from a
fast slewing input signal as the amplifier has noise of its
own. By slewing through the crossover region quickly,
the amplifier noise creates less jitter than if the transition
were slow.
TOTAL CLOCK
JITTER (RMS)
10fs
20fs
50fs
100fs
200fs
500fs
1ps
FREQUENCY OF FULL-SCALE INPUT SIGNAL (GHz)
0.01
0.1
1
10
24
34
44
54
64
74
84
94
104
114
124
6955 F08
Measuring Clock Jitter Indirectly Using ADC SNR
For some applications, integrating a clock generator’s
phase noise within a defined offset frequency range (i.e.
12kHz to 20MHz) is sufficient to calculate the clock’s
impact on the overall system performance. In these situ-
ations, the RMS jitter can be calculated from a phase
noise measurement.
However, other applications require knowledge of the
clock’s phase noise at frequency offsets that exceed the
capabilities of today’s phase noise analyzers. This limita-
tion makes it difficult to calculate jitter from a phase noise
measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com