Electronic Components Datasheet Search
  English  ▼

X  

UBA2074ATS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UBA2074ATS
Description  High Voltage Full-bridge control IC for CCFL backlighting
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2074ATS Datasheet(HTML) 2 Page - NXP Semiconductors

  UBA2074ATS Datasheet HTML 1Page - NXP Semiconductors UBA2074ATS Datasheet HTML 2Page - NXP Semiconductors UBA2074ATS Datasheet HTML 3Page - NXP Semiconductors UBA2074ATS Datasheet HTML 4Page - NXP Semiconductors UBA2074ATS Datasheet HTML 5Page - NXP Semiconductors UBA2074ATS Datasheet HTML 6Page - NXP Semiconductors UBA2074ATS Datasheet HTML 7Page - NXP Semiconductors UBA2074ATS Datasheet HTML 8Page - NXP Semiconductors UBA2074ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
UBA2074(A)
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02.0 — February 2007
2 of 33
NXP Semiconductors
UBA2074(A)
High Voltage Full-bridge control IC for CCFL backlighting
3.
Applications
LCD-backlighting, including LCD-TV and LCD-Monitor applications. The IC is intended
to drive and control a full-bridge inverter with resonant load circuit for CCFLs, but can
also drive an array of External Electrode Fluorescent Lamps (EEFLs).
4.
Ordering information
Table 1:
Ordering information
Type number
Package
Name
Description
Version
UBA2074T
SO28
plastic small outline package; 28 leads; body
width 7.5 mm
SOT136-1
UBA2074TS
SSOP28
plastic shrink small outline package; 28 leads;
body width 5.3 mm
SOT341-1
UBA2074AT
SO28
plastic small outline package; 28 leads; body
width 7.5 mm
SOT136-1
UBA2074ATS
SSOP28
plastic shrink small outline package; 28 leads;
body width 5.3 mm
SOT341-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com