Electronic Components Datasheet Search
  English  ▼

X  

UBA2074ATS Datasheet(PDF) 23 Page - NXP Semiconductors

Part # UBA2074ATS
Description  High Voltage Full-bridge control IC for CCFL backlighting
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2074ATS Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button UBA2074ATS Datasheet HTML 19Page - NXP Semiconductors UBA2074ATS Datasheet HTML 20Page - NXP Semiconductors UBA2074ATS Datasheet HTML 21Page - NXP Semiconductors UBA2074ATS Datasheet HTML 22Page - NXP Semiconductors UBA2074ATS Datasheet HTML 23Page - NXP Semiconductors UBA2074ATS Datasheet HTML 24Page - NXP Semiconductors UBA2074ATS Datasheet HTML 25Page - NXP Semiconductors UBA2074ATS Datasheet HTML 26Page - NXP Semiconductors UBA2074ATS Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
UBA2074(A)
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02.0 — February 2007
23 of 33
NXP Semiconductors
UBA2074(A)
High Voltage Full-bridge control IC for CCFL backlighting
[1]
The zener clamp on pin VDD is only activated for high start-up level (
VVDC=VVDD) in disabled and stop mode only.
[2]
GLA, GLB, GHA and GHB open.
[3]
PWMd is active low: A low level on the PWMd pin corresponds with lamps on. Example: DPWM=20% means PMWd is during 20% of
each cyle low and the lamps are 20% of the time on, resulting in een light output of 20%.
11. Application information
Figure 20 shows an example backlighting configuration, where the inverter is supplied by
a high voltage (for instance 400V) and the IC is supplied via a start-up bleeder resistor
and a dV/dt supply. Two lamp are connected, each to another output of the same
transformer. The leakage inductances of this transformer provides the ballast impedances
for the lamp. Inductors L1 and L2 provide current for zero voltage switching during PWM
dimming. An analogue voltage is converted to a PWM signal to provide for the desired
brightness level PWM signal. Synchronisation to a predetermined frequency can also be
achieved, when required. Optional lamp short detection is via the lamp voltage sensing
and D13, D23 and the nonFAULT-pin is indicated.
InonFAULT(sink)
maximum low output current on
pin nonFAULT
VnonFAULT = 1V
0.75
1
1.5
mA
Chip enable levels
VEN(high)
logic high level on pin EN
1.7
V
VEN(low)
logic low level on pin EN
0.9
V
Synchronisation
Vsync(peak), in
amplitude of input pulse on pin
SYNC
2.5
5
V
Tsync(width), in
input pulse width at SYNC pin
0.3
µs
Dsync
input pulse duty cycle at SYNC
pin
50
%
Fsync/Fs(min)
input sync frequency
1
1.1
Vsync(peak), out
amplitude of output pulse of pin
SYNC
load on SYNC pin 4.7k
Ω//10pF
2.5
2.9
3.3
V
Tsync(width), out
Output pulse width of SYNC
pin
load on SYNC pin 4.7k
Ω//10pF
0.36
0.44
0.52
µs
Table 5:
Characteristics …continued
Tamb =25
°C; VVDC = 15 V; VDD not connected to VDC; VEN=VVDD; CVDD=100nF; RIREF = 33 kΩ and CPWM pin connected
to a capacitor, unless otherwise specified. All voltages are measured with respect to signal ground (pin 7); currents are
positive when flowing into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com