Electronic Components Datasheet Search
  English  ▼

X  

ADM3085 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM3085
Description  High-Speed (10Mbps), Fail-Safe, RS-485/RS-422 Transceivers with Slew-Rate-Limiting and 5kV ESD Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3085 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM3085 Datasheet HTML 4Page - Analog Devices ADM3085 Datasheet HTML 5Page - Analog Devices ADM3085 Datasheet HTML 6Page - Analog Devices ADM3085 Datasheet HTML 7Page - Analog Devices ADM3085 Datasheet HTML 8Page - Analog Devices ADM3085 Datasheet HTML 9Page - Analog Devices ADM3085 Datasheet HTML 10Page - Analog Devices ADM3085 Datasheet HTML 11Page - Analog Devices ADM3085 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADM3082/ADM3085/ADM3088
–8 –
PRELIMINARY TECHNICAL DATA
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . +7V
Logic Input Voltage . . . . . . . . . . . . –0.3V to (VCC+0.3V)
Driver Output Voltage (A, B) . . . . . . . . . . . . . . . . . . ±13V
Receiver Input Voltage (A, B) . . . . . . . . . . . . . . . . . . ±13V
Receiver Input Voltage, Full Duplex (A, B) . . . . . . ±13V
Receiver Output Voltage (RO) . . . –0.3V to (VCC+0.3V)
Continuous Power Dissipation
8-Pin Plastic DIP
(derate 9.09mW/
oC above +70oC) . . . . . . . . . . . 727mW
8-Pin Plastic SO
(derate 5.88mW/oC above +70oC) . . . . . . . . . . . 471mW
Maximum Junction Temperature (TJmax) . . . . . . . 150 °C
Storage Temperature Range . . . . . . . . . –65°C to +150°C
Lead Temperature, Soldering
Vapor Phase 60 sec . . . . . . . . . . . . . . . . . . . . . . . . . +215°C
Infra-Red 15 sec . . . . . . . . . . . . . . . . . . . . . . . . . . . +200°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only; functional operation of the device
at these or any other conditions above those indicated in the operational section of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
THERMAL
CHARACTERISTICS
8-Pin Plastic DIP Package
θ
JA = tbd K/Watt, θJC = tbd K/Watt
8-Pin Plastic SO Package
θ
JA = tbd K/Watt,
θ
JC = tbd K/Watt
PIN CONFIGURATION
AD M 3 0 88/
AD M 3 0 85/
AD M 3 0 8 8
T O P VIEW
(No t to S cale)
RO
RE
DE
DI
V CC
B
A
GND
1
2
3
4
8
7
6
5
ORDERING
INFORMATION
Model
Temperature Range
Package Option
ADM3082JN
0°C to +70°C
8 Pin Plastic DIP
ADM3082JR
0°C to +70°C
8 Pin SO
ADM3082AN
–40°C to +85°C
8 Pin Plastic DIP
ADM3082AR
–40°C to +85°C
8 Pin SO
ADM3085JN
0°C to +70°C
8 Pin Plastic DIP
ADM3085JR
0°C to +70°C
8 Pin SO
ADM3085AN
–40°C to +85°C
8 Pin Plastic DIP
ADM3085AR
–40°C to +85°C
8 Pin SO
ADM3088JN
0°C to +70°C
8 Pin Plastic DIP
ADM3088JR
0°C to +70°C
8 Pin SO
ADM3088AN
–40°C to +85°C
8 Pin Plastic DIP
ADM3088AR
–40°C to +85°C
8 Pin SO
ADM3082/ADM3085/ADM3088TYPICALPERFORMANCECHARACTERISTICS
AW
A IT
IN
G
D
A TA
TPC1. No-load Supply Current vs.
Temperature
AW
A IT
IN
G
D
A
TA
TPC2. Output Current vs. Receiver Out-
put High Voltage
AW
A IT
IN
G
D
A
TA
TPC3. Output Current vs. Receiver Out-
put Low Voltage
REV. PrA 02/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com