Electronic Components Datasheet Search
  English  ▼

X  

ADM3085 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM3085
Description  High-Speed (10Mbps), Fail-Safe, RS-485/RS-422 Transceivers with Slew-Rate-Limiting and 5kV ESD Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3085 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM3085 Datasheet HTML 6Page - Analog Devices ADM3085 Datasheet HTML 7Page - Analog Devices ADM3085 Datasheet HTML 8Page - Analog Devices ADM3085 Datasheet HTML 9Page - Analog Devices ADM3085 Datasheet HTML 10Page - Analog Devices ADM3085 Datasheet HTML 11Page - Analog Devices ADM3085 Datasheet HTML 12Page - Analog Devices ADM3085 Datasheet HTML 13Page - Analog Devices ADM3085 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ADM3082/ADM3085/ADM3088
–10 –
PRELIMINARY TECHNICAL DATA
ADM3082/ADM3085/ADM3088 TYPICAL PERFORMANCE CHARACTERISTICS (continued)
AW
A IT
IN
G
D
A
TA
TPC14. Output Current vs. Driver Out-
put High Voltage
AW
A IT
IN
G
D
A TA
TPC13. Driver Output Current vs. Dif-
ferential Output Voltage
AW
A IT
IN
G
D
A TA
TPC15. Output Current vs. Driver Out-
put Low Voltage
AW
A IT
IN
G
D
A
TA
TPC18. ADM3088 Driver Propagation
Delay
AW
A IT
IN
G
D
A TA
TPC17. ADM3085 Driver Propagation
Delay
AW
A IT
IN
G
D
A
TA
TPC16. ADM3082 Driver Propagation
Delay
AW
A IT
IN
G
D
A
TA
TPC19. ADM3082/5 Receiver Propaga-
tion Delay
AW
A IT
IN
G
D
A
TA
TPC20. ADM3088 Receiver
Propagation Delay
REV. PrA 02/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com