Electronic Components Datasheet Search
  English  ▼

X  

ADM3085 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM3085
Description  High-Speed (10Mbps), Fail-Safe, RS-485/RS-422 Transceivers with Slew-Rate-Limiting and 5kV ESD Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3085 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM3085 Datasheet HTML 6Page - Analog Devices ADM3085 Datasheet HTML 7Page - Analog Devices ADM3085 Datasheet HTML 8Page - Analog Devices ADM3085 Datasheet HTML 9Page - Analog Devices ADM3085 Datasheet HTML 10Page - Analog Devices ADM3085 Datasheet HTML 11Page - Analog Devices ADM3085 Datasheet HTML 12Page - Analog Devices ADM3085 Datasheet HTML 13Page - Analog Devices ADM3085 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ADM3082/ADM3085/ADM3088
–11–
PRELIMINARY TECHNICAL DATA
PIN FUNCTION DESCRIPTION
Pin
Mnemonic
Description
1
R O
Receiver Output. When
RE is low and A - B
(more positive than) –50mV, RO will be high.
When
RE is low and A – B
(more negative than) –200mV, RO will be low.
2
RE
Receiver Output Enable. Take
RE low to enable RO; RO is high impedance when RE is high.
Take
RE high and DE low to enter low-power shutdown mode.
3
D E
Driver Output Enable. Take DE high to enable driver outputs. These outputs are high
impedance when DE is low. Take RE high and DE low to enter low-power shutdown mode.
4
D I
Driver Input. With DE high, a low on DI forces non-inverting output low and inverting output
high. Similarly, a high on DI forces non-inverting output high and inverting output low.
5
G N D
Ground
6
A
Non-Inverting Receiver Input and Non-Inverting Driver Output
7
B
Inverting Receiver Input and Inverting Driver Output
8VCC
Positive Supply 4.75V =VCC =5.25V
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
B/Z
A/Y
X1
1
0
1
X1
0
1
0
0
0
X
High-Z
High-Z
1
0
X
Shutdown
RECEIVING
INPUTS
OUTPUT
RE
DE
DE
DE
DE
DE
A-B
A-B
A-B
A-B
A-B
RO
RO
RO
RO
RO
0X
-0.05V
1
0X
-0.2V
0
0
X
Open/shorted
1
1
1
X
High-Z
1
0
X
Shutdown
X = Don’t care
Shutdown mode, driver and receiver outputs high impedance
DEVICE TRUTH TABLES
REV. PrA 02/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com