Electronic Components Datasheet Search
  English  ▼

X  

ADM3085 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM3085
Description  High-Speed (10Mbps), Fail-Safe, RS-485/RS-422 Transceivers with Slew-Rate-Limiting and 5kV ESD Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3085 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM3085 Datasheet HTML 6Page - Analog Devices ADM3085 Datasheet HTML 7Page - Analog Devices ADM3085 Datasheet HTML 8Page - Analog Devices ADM3085 Datasheet HTML 9Page - Analog Devices ADM3085 Datasheet HTML 10Page - Analog Devices ADM3085 Datasheet HTML 11Page - Analog Devices ADM3085 Datasheet HTML 12Page - Analog Devices ADM3085 Datasheet HTML 13Page - Analog Devices ADM3085 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
ADM3082/ADM3085/ADM3088
–14 –
PRELIMINARY TECHNICAL DATA
AW
A IT
IN
G
D
A
TA
Figure 13. Driver Input, Driver Output and Receiver Output
Waveforms of ADM3085, Driving 4000ft (1219m) of Cable
at 50kHz
AW
A IT
IN
G
D
A
TA
Figure 14. Driver Input, Driver Output and Receiver Output
Waveforms of ADM3088, Driving 4000ft (1219m) of Cable
at 200kHz
For line lengths in excess of 1220 metres the line should
be split into smaller sections with intermediate repeaters.
APPLICATIONS
Figures 15 shows a typical application of the device on a
half--duplex network. The line should be terminated at
both ends to minimize reflections and any stubs off the
main line should be kept as short as possible.
120
RO
DI
RE
DE
A
B
D
R
120
RO
DI
RE
DE
A
B
D
R
RO
DI
RE
DE
A
B
D
R
RO
DI
RE
DE
A
B
D
R
AD M 3082, ADM 3084, AD M 308 5
O R AD M 3089 W IT H H /
F = V
CC
Figure 15. Typical Half-Duplex Network Application
OUTLINE
DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin Plastic Dual-In-Line Package (N-8)
8
14
5
0.430 (10.92)
0.34 8 (8.84 )
0. 280 (7.11 )
0. 240 (6.10 )
PIN 1
SE A T IN G
P L ANE
0.02 2 (0.5 58 )
0.01 4 (0.3 56 )
0. 060 (1.52 )
0. 015 (0.38 )
0.21 0 ( 5.33 )
MA X
0.130
(3 .30 )
MIN
0.07 0 ( 1.77 )
0.04 5 ( 1.15 )
0.1 0 0
(2 .54 )
BS C
0.16 0 (4.06 )
0.11 5 (2.93 )
0. 325 (8.25 )
0. 300 (7.62 )
0. 015 (0.3 81 )
0. 008 (0.2 04 )
0.19 5 (4. 95)
0.11 5 (2. 93)
8-Pin SO Package (R-8)
85
4
1
0.19 6 8 (5 . 00)
0.18 9 0 (4 . 80)
0.1574 (4.00)
0.1497 (3.80)
0. 244 0 (6. 20 )
0. 228 4 (5. 80 )
PIN 1
S E A TIN G
P L ANE
0.009 8 (0. 25 )
0.004 0 (0. 10 )
0.01 9 2 (0 . 49)
0.01 3 8 (0 . 35)
0. 102 ( 2.59)
0. 094 ( 2.39)
0.0 5 00
(1 .27 )
BS C
0.00 9 8 (0 . 25)
0.00 7 5 (0 . 19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.01 9 6 (0 . 50)
0.00 9 9 (0 . 25)
x 4 5
REV. PrA 02/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com