Electronic Components Datasheet Search
  English  ▼

X  

AT945 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT945
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT945 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT945 Datasheet HTML 1Page - ATMEL Corporation AT945 Datasheet HTML 2Page - ATMEL Corporation AT945 Datasheet HTML 3Page - ATMEL Corporation AT945 Datasheet HTML 4Page - ATMEL Corporation AT945 Datasheet HTML 5Page - ATMEL Corporation AT945 Datasheet HTML 6Page - ATMEL Corporation AT945 Datasheet HTML 7Page - ATMEL Corporation AT945 Datasheet HTML 8Page - ATMEL Corporation AT945 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
AT94S Secure Family
2314D–FPSLI–2/04
Description
The AT94S Series (Secure FPSLIC family) shown in Table 1 is a combination of the
popular Atmel AT40K Series SRAM FPGAs, the AT17 Series Configuration Memories
and the high-performance Atmel AVR 8-bit RISC microcontroller with standard peripher-
als. Extensive data and instruction SRAM as well as device control and management
logic are included in this multi-chip module (MCM).
The embedded AT40K FPGA core is a fully 3.3V PCI-compliant, SRAM-based FPGA
with distributed 10 ns programmable synchronous/asynchronous, dual-port/single-port
SRAM, 8 global clocks, Cache Logic ability (partially or fully reconfigurable without loss
of data) and 5,000 to 40,000 usable gates.
Table 1. The AT94S Series Family
Device
AT94S05AL
AT94S10AL
AT94S40AL
Configuration Memory Size
1 Mbit
1 Mbit
1 Mbit
FPGA Gates
5K
10K
40K
FPGA Core Cells
256
576
2304
FPGA SRAM Bits
2048
4096
18432
FPGA Registers (Total)
436
846
2862
Maximum FPGA User I/O
95
143
287
AVR Programmable I/O Lines
8
16
16
Program SRAM Bytes
4K - 16K
20K - 32K
20K - 32K
Data SRAM Bytes
4K - 16K
4K - 16K
4K - 16K
Hardware Multiplier (8-bit)
Yes
Yes
Yes
2-wire Serial Interface
Yes
Yes
Yes
UARTs
222
Watchdog Timer
Yes
Yes
Yes
Timer/Counters
333
Real-time Clock
Yes
Yes
Yes
JTAG ICE
Yes
Yes
Yes
Typical AVR
Throughput
@ 25 MHz
19 MIPS
19 MIPS
19 MIPS
@ 40 MHz
30 MIPS
30 MIPS
30 MIPS
Operating Voltage
3.0 - 3.6V
3.0 - 3.6V
3.0 - 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com