Electronic Components Datasheet Search
  English  ▼

X  

AT945 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT945
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT945 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT945 Datasheet HTML 23Page - ATMEL Corporation AT945 Datasheet HTML 24Page - ATMEL Corporation AT945 Datasheet HTML 25Page - ATMEL Corporation AT945 Datasheet HTML 26Page - ATMEL Corporation AT945 Datasheet HTML 27Page - ATMEL Corporation AT945 Datasheet HTML 28Page - ATMEL Corporation AT945 Datasheet HTML 29Page - ATMEL Corporation AT945 Datasheet HTML 30Page - ATMEL Corporation AT945 Datasheet HTML 31Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
28
AT94S Secure Family
2314D–FPSLI–2/04
Ordering Information
Usable Gates
Speed Grade
Ordering Code
Package
Operation Range
5,000
25 MHz
AT94S05AL-25DGC
256ZA
Commercial
(0
°C - 70°C)
AT94S05AL-25DGI
256ZA
Industrial
(-40
°C - 85°C)
10,000
25 MHz
AT94S10AL-25DGC
256ZA
Commercial
(0
°C - 70°C)
AT94S10AL-25BQC
144L1
AT94S10AL-25DGI
256ZA
Industrial
(-40
°C - 85°C)
AT94S10AL-25BQI
144L1
40,000
16 MHz
AT94S40AL-25DGC
256ZA
Commercial
(0
°C - 70°C)
AT94S40AL-25BQC
144L1
AT94S40AL-25DGI
256ZA
Industrial
(-40
°C - 85°C)
AT94S40AL-25BQI
144L1
Package Type
256ZA
256-ball, Chip Array Ball Grid Array Package (CABGA)
144L1
144-lead, Low Profile Plastic Gull Wing Quad Flat Package (LQFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com