Electronic Components Datasheet Search
  English  ▼

X  

AT945 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT945
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT945 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT945 Datasheet HTML 17Page - ATMEL Corporation AT945 Datasheet HTML 18Page - ATMEL Corporation AT945 Datasheet HTML 19Page - ATMEL Corporation AT945 Datasheet HTML 20Page - ATMEL Corporation AT945 Datasheet HTML 21Page - ATMEL Corporation AT945 Datasheet HTML 22Page - ATMEL Corporation AT945 Datasheet HTML 23Page - ATMEL Corporation AT945 Datasheet HTML 24Page - ATMEL Corporation AT945 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
AT94S Secure Family
2314D–FPSLI–2/04
I/O115
I/O116
I/O59
I/O117
I/O60
I/O118
I/O119
I/O120
I/O41
I/O61
I/O121
M7
46
I/O42
I/O62
I/O122
N7
47
I/O43 (TMS)
I/O63 (TMS)
I/O123 (TMS)
P7
48
I/O44 (TCK)
I/O64 (TCK)
I/O124 (TCK)
R7
49
NC
I/O65
I/O125
K7
NC
I/O66
I/O126
K8
I/O127
I/O128
I/O129
I/O130
I/O131
I/O132
I/O133
I/O134
NC
I/O67
I/O135
M8
NC
I/O68
I/O136
R8
I/O45
I/O69
I/O137
P8
50
I/O46
I/O70
I/O138
N8
51
I/O139
I/O140
I/O141
I/O142
I/O47 (TD7)
I/O71 (TD7)
I/O143 (TD7)
L8
52
I/O48 (InitErr) RESET/OE
I/O72 (InitErr) RESET/OE
I/O144 (InitErr) RESET/OE
K9
53
I/O49 (TD6)
I/O73 (TD6)
I/O145 (TD6)
P9
56
I/O50 (TD5)
I/O74 (TD5)
I/O146 (TD5)
N9
57
I/O147
I/O148
Table 5. AT94S Pin List (Continued)
AT94S05
96 FPGA I/O
AT94S10
144 FPGA I/O
AT94S40
288 FPGA I/O
Package
Chip Array 256
CABGA
LQ144
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com