Electronic Components Datasheet Search
  English  ▼

X  

AT945 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT945
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT945 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT945 Datasheet HTML 23Page - ATMEL Corporation AT945 Datasheet HTML 24Page - ATMEL Corporation AT945 Datasheet HTML 25Page - ATMEL Corporation AT945 Datasheet HTML 26Page - ATMEL Corporation AT945 Datasheet HTML 27Page - ATMEL Corporation AT945 Datasheet HTML 28Page - ATMEL Corporation AT945 Datasheet HTML 29Page - ATMEL Corporation AT945 Datasheet HTML 30Page - ATMEL Corporation AT945 Datasheet HTML 31Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
27
AT94S Secure Family
2314D–FPSLI–2/04
Note:
1. LQ144 is only offered in the AT94S10 and AT94S40.
Note:
1. For power rail support for product migration to lower-power devices, refer to the “Designing in Split Power Supply Support for
AT94KAL/AX and AT94SAL/AX Devices” application note (doc2308.pdf), available on the Atmel web site, at
http://www.atmel.com/dyn/products/app_notes.asp?family_id=627.
Thermal Coefficient Table
I/O374
I/O375
I/O376
I/O377
I/O378
NC
I/O187
I/O379
A4
NC
I/O188
I/O380
B4
I/O125
I/O189
I/O381
A3
140
I/O126
I/O190
I/O382
C4
141
I/O127 (A14)
I/O191 (A14)
I/O383 (A14)
B3
142
I/O128, GCK8 (A15)
I/O192, GCK8 (A15)
I/O384, GCK8 (A15)
A2
143
Table 5. AT94S Pin List (Continued)
AT94S05
96 FPGA I/O
AT94S10
144 FPGA I/O
AT94S40
288 FPGA I/O
Package
Chip Array 256
CABGA
LQ144
(1)
Table 6. 256 CABGA and LQ144 V
DD, VCC and GND Pins
(1)
Package
V
DD
V
CC
GND
256
CABGA
B2, G13, R14, G8, H10, J3,
K13, L3, M10, T7
D14, F12, P4, G3, H9, E7,
K10, L13, M13, T9
B11, B13, B16, B7, C3, C6, D5, D9, F11, F13, T15, F16,
F2, F5, G16, H11, H16, J15, J2, K16, K3, T2, L14, L16,
L7, M4, N15, N4, N6, P11, R9, R10, R15, T8
LQ144
90
18, 37, 54, 73, 108, 128, 144
1, 8, 17, 27, 35, 45, 55, 64, 71, 91, 100, 110, 118, 127,
137
Package Style
Lead Count
Theta J-A [
°C/W]
0 LFPM
Theta J-A [
°C/W]
225 LFPM
Theta J-A [
°C/W]
500 LPFM
CABGA
256
27
23
20
LQFP
144
35
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com