Electronic Components Datasheet Search
  English  ▼

X  

PCF8562 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8562 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8562 Datasheet HTML 5Page - NXP Semiconductors PCF8562 Datasheet HTML 6Page - NXP Semiconductors PCF8562 Datasheet HTML 7Page - NXP Semiconductors PCF8562 Datasheet HTML 8Page - NXP Semiconductors PCF8562 Datasheet HTML 9Page - NXP Semiconductors PCF8562 Datasheet HTML 10Page - NXP Semiconductors PCF8562 Datasheet HTML 11Page - NXP Semiconductors PCF8562 Datasheet HTML 12Page - NXP Semiconductors PCF8562 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
November 22, 2004
9
Philips Semiconductors
Preliminary specification
Universal LCD driver
for low multiplex rates
PCF8562
Discrimination is the ratio of Von to Voff, and is determined by the formula
Using the above formula, the discrimination for an LCD drive mode of 1 : 3 with 1
⁄2bias is
= 1.732, and the
discrimination for an LCD drive mode of 1 : 4 with 1
⁄2bias is
= 1.528.
The advantage of these LCD drive modes is a reduction of the LCD full-scale voltage VLCD as follows:
• 1 : 3 multiplex (1⁄2 bias): VLCD =
= 2.449 Voff(rms)
• 1 : 4 multiplex (1⁄2 bias): VLCD =
= 2.309 Voff(rms)
These compare with VLCD = 3 Voff(rms) when 1
⁄3 bias is used.
Table 2
Discrimination ratios
LCD DRIVE MODE
NUMBER OF
LCD BIAS
CONFIGURATION
BACKPLANES
LEVELS
static
1
2
static
0
1
∞
1 : 2 multiplex
2
3
1
⁄2
0.354
0.791
2.236
1 : 2 multiplex
2
4
1
⁄3
0.333
0.745
2.236
1 : 3 multiplex
3
4
1
⁄3
0.333
0.638
1.915
1 : 4 multiplex
4
4
1
⁄3
0.333
0.577
1.732
V
on
V
off
---------
a1
+
()
2
N1
–
()
+
a1
–
()
2
N1
–
()
+
---------------------------------------------
=
3
21
3
----------
6V
off(rms)
×
43
×
()
3
----------------------
V
off(rms)
V
lcd
---------------------
V
on(rms)
V
lcd
--------------------
D
V
on(rms)
V
off(rms)
---------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com