Electronic Components Datasheet Search
  English  ▼

X  

PCF8562 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8562 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8562 Datasheet HTML 11Page - NXP Semiconductors PCF8562 Datasheet HTML 12Page - NXP Semiconductors PCF8562 Datasheet HTML 13Page - NXP Semiconductors PCF8562 Datasheet HTML 14Page - NXP Semiconductors PCF8562 Datasheet HTML 15Page - NXP Semiconductors PCF8562 Datasheet HTML 16Page - NXP Semiconductors PCF8562 Datasheet HTML 17Page - NXP Semiconductors PCF8562 Datasheet HTML 18Page - NXP Semiconductors PCF8562 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
November 22, 2004
15
Philips Semiconductors
Preliminary specification
Universal LCD driver
for low multiplex rates
PCF8562
6.5
Oscillator
6.5.1
INTERNAL CLOCK
The internal logic of the PCF8562 and its LCD drive signals are timed either by its internal oscillator or by an external
clock. The internal oscillator is enabled by connecting pin OSC to pin VSS. After power-up, pin SDA must be HIGH to
guarantee that the clock starts.
6.5.2
EXTERNAL CLOCK
Pin CLK is enabled as an external clock input by connecting pin OSC to VDD.
The LCD frame signal frequency is determined by the clock frequency (fCLK).
A clock signal must always be supplied to the device; removing the clock may freeze the LCD in a DC state.
6.6
Timing
The PCF8562 timing controls the internal data flow of the device. This includes the transfer of display data from the
display RAM to the display segment outputs. The timing also generates the LCD frame signal whose frequency is derived
from the clock frequency. The frame signal frequency is a fixed division integer of the clock frequency (nominally 64 kHz)
from either the internal or an external clock.
Frame frequency =
6.7
Display register
The display latch holds the display data while the corresponding multiplex signals are generated. There is a one-to-one
relationship between the data in the display latch, the LCD segment outputs and each column of the display RAM.
6.8
Segment outputs
The LCD drive section includes 32 segment outputs S0 to S31 which should be connected directly to the LCD. The
segment output signals are generated in accordance with the multiplexed backplane signals and with data residing in the
display latch. When less than 32 segment outputs are required, the unused segment outputs should be left open-circuit.
6.9
Backplane outputs
The LCD drive section includes four backplane outputs BP0 to BP3 which should be connected directly to the LCD. The
backplane output signals are generated in accordance with the selected LCD drive mode. If less than four backplane
outputs are required, the unused outputs can be left open-circuit. In the 1 : 3 multiplex drive mode, BP3 carries the same
signal as BP1, therefore these two adjacent outputs can be tied together to give enhanced drive capabilities. In the 1 : 2
multiplex drive mode, BP0 and BP2, BP1 and BP3 respectively carry the same signals and may also be paired to
increase the drive capabilities. In the static drive mode the same signal is carried by all four backplane outputs and they
can be connected in parallel for very high drive requirements.
6.10
Display RAM
The display RAM is a static 32
× 4-bit RAM which stores LCD data. A logic 1 in the RAM bit-map indicates the on-state
of the corresponding LCD segment; similarly, a logic 0 indicates the off-state. There is a one-to-one correspondence
between the RAM addresses and the segment outputs, and between the individual bits of a RAM word and the backplane
outputs. The first RAM column corresponds to the 32 segments operated with respect to backplane BP0 (see Fig.10). In
multiplexed LCD applications the segment data of the second, third and fourth column of the display RAM are
time-multiplexed with BP1, BP2 and BP3 respectively.
When display data is transmitted to the PCF8562, the display bytes received are stored in the display RAM in accordance
with the selected LCD drive mode. The data is stored as it arrives and does not wait for an acknowledge cycle as with
the commands. Depending on the current multiplex drive mode, data is stored singularly, in pairs, triplets or quadruplets.
For example, in the 1 : 2 mode, the RAM data is stored every second bit. To illustrate the filling order, an example of a
f
CLK
24
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com