Electronic Components Datasheet Search
  English  ▼

X  

LTL2T3YR6JS Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # LTL2T3YR6JS
Description  Through Hole Lamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2T3YR6JS Datasheet(HTML) 6 Page - Lite-On Technology Corporation

  LTL2T3YR6JS Datasheet HTML 1Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 2Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 3Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 4Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 5Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 6Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 7Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 8Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9 PartNo.:LTL2T3YR6JS
BNS-OD-FC002/A4
Through-Hole Lamp
LTL2T3YR6JS
Preliminary Ver:P001
7. Bin Table Specification
Luminous Intensity Iv (mcd) IF@20mA
Bin Code
Min.
Max.
Q
1150
1500
R
1500
1900
S
1900
2500
T
2500
3200
Note: Tolerance of each bin limit is ±15%
Dominant Wavelength (nm) IF@20mA
Bin Code
Min.
Max.
A
584.5
587
B
587
589.5
C
589.5
592
D
592
594.5
Note: Tolerance of each bin limit is ±1nm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com