Electronic Components Datasheet Search
  English  ▼

X  

LTL2T3YR6JS Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # LTL2T3YR6JS
Description  Through Hole Lamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2T3YR6JS Datasheet(HTML) 9 Page - Lite-On Technology Corporation

  LTL2T3YR6JS Datasheet HTML 1Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 2Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 3Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 4Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 5Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 6Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 7Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 8Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9/9 PartNo.:LTL2T3YR6JS
BNS-OD-FC002/A4
Through-Hole Lamp
LTL2T3YR6JS
Preliminary Ver:P001
9. Reliability Test
Classification
Test Item
Test Condition
Sample Size
Reference Standard
Endurance
Test
Operation Life
Ta
= 25°C
IF
= 30mA
Test Time= 1000hrs
45 PCS
(CL=90%;
LTPD=5%)
MIL-STD-750D:1026 (1995)
MIL-STD-883G:1005 (2006)
High Temperature
High Humidity
storage (THB)
Ta
= 85°C
RH = 85%
Test Time= 1000hrs
45 PCS
(CL=90%;
LTPD=5%)
MIL-STD-202G:103B (2002)
JEITA ED-4701:100 103 (2001)
Steady state
Operation Life of
High Humidity Heat
Ta
= 85°C, RH= 85 %
IF
= 15mA
Test Time= 500hrs
76 PCS
(CL=90%;
LTPD=3%)
JESD22-A101C (2009)
Low Temperature
Operation Life of
Ta
= -30°C
IF
=
30mA
Test Time= 1000hrs
45 PCS
(CL=90%;
LTPD=5%)
High Temperature
Storage
Ta= 105 ± 5°C
Test Time= 1000hrs
45 PCS
(CL=90%;
LTPD=5%)
MIL-STD-750D:1031 (1995)
MIL-STD-883G:1008 (2006)
JEITA ED-4701:200 201 (2001)
Low Temperature
Storage
Ta= -55 ± 5°C
Test Time= 1000hrs
45 PCS
(CL=90%;
LTPD=5%)
JEITA ED-4701:200 202 (2001)
Environmental
Test
Temperature
Cycling
100°C ~ 25°C ~ -40°C ~ 25°C
30mins
5mins
30mins
5mins
Test time: 200 Cycles
76 PCS
(CL=90%;
LTPD=3%)
MIL-STD-750D:1051 (1995)
MIL-STD-883G:1010 (2006)
JEITA ED-4701:100 105 (2001)
JESD22-A104C (2005)
Thermal
Shock
100 ± 5°C ~ -30°C ± 5°C
15mins
15mins
Test time: 200 Cycles
76 PCS
(CL=90%;
LTPD=3%)
MIL-STD-750D:1056 (1995)
MIL-STD-883G:1011 (2006)
MIL-STD-202G:107G (2002)
JESD22-A106B (2004)
Solder
Resistance
T.sol = 260 ± 5°C
Dwell Time= 10±1 seconds
3mm from the base of the epoxy bulb
11 PCS
(CL=90%;
LTPD=18.9%)
MIL-STD-750D:2031(1995)
JEITA ED-4701: 300 302 (2001)
Solderability
T. sol = 245 ± 5°C
Dwell Time= 5 ± 0.5 seconds
(Lead Free Solder, Coverage ≧95% of
the dipped surface)
11 PCS
(CL=90%;
LTPD=18.9%)
MIL-STD-750D:2026 (1995)
MIL-STD-883G:2003 (2006)
MIL-STD-202G:208H (2002)
IPC/EIA J-STD-002 (2004)
Soldering Iron
T. sol = 350 ± 5°C
Dwell Time= 3.5 ± 0.5 seconds
11 PCS
(CL=90%;
LTPD=18.9%)
MIL-STD-202G:208H (2002)
JEITA ED-4701:300 302 (2001)
10. Others
The appearance and specifications of the product may be modified for improvement, without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com