Electronic Components Datasheet Search
  English  ▼

X  

LTL2T3YR6JS Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTL2T3YR6JS
Description  Through Hole Lamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2T3YR6JS Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTL2T3YR6JS Datasheet HTML 1Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 2Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 3Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 4Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 5Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 6Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 7Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 8Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9 PartNo.:LTL2T3YR6JS
BNS-OD-FC002/A4
Through-Hole Lamp
LTL2T3YR6JS
Preliminary Ver:P001
3. Absolute Maximum Ratings at TA=25℃
Parameter
Maximum Rating
Unit
Power Dissipation
120
mW
Peak Forward Current
(Duty Cycle≦1/10, Pulse Width≦10ms)
150
mA
DC Forward Current
50
mA
Derating Linear From 30℃
0.67
mA/℃
Reverse Voltage
5
V
Operating Temperature Range
-40°C to + 100°C
Storage Temperature Range
-55°C to + 100°C
Thermal Resistance
350℃/W
Lead Soldering Temperature
[2.0mm (.079") From Body]
260°C for 5 Seconds Max.
4. Electrical / Optical Characteristics at TA=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
1150
1500
3200
mcd
IF = 20mA
Note 1,5
Viewing Angle
2θ1/2
60
deg
Note 2,7 (Fig.6)
Peak Emission Wavelength
λP
590
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
584.5
590
594.5
nm
Note 4
Spectral Line Half-Width
Δλ
17
nm
Forward Voltage
VF
1.8
2.1
2.5
V
IF = 20mA
Reverse Current
IR
10
μA
VR = 5V
NOTE:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. Iv classification code is marked on each packing bag.
4. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single wavelength which defines
the color of the device.
5. Iv guarantee must be included with ±15% testing tolerance.
6. Reverse voltage (VR) condition is applied for IR test only. The device is not designed for reverse operation.
7. View angle measurement is ±2 degree tolerance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com