Electronic Components Datasheet Search
  English  ▼

X  

LTL2T3YR6JS Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTL2T3YR6JS
Description  Through Hole Lamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2T3YR6JS Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTL2T3YR6JS Datasheet HTML 1Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 2Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 3Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 4Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 5Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 6Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 7Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 8Page - Lite-On Technology Corporation LTL2T3YR6JS Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9 PartNo.:LTL2T3YR6JS
BNS-OD-FC002/A4
Through-Hole Lamp
LTL2T3YR6JS
Preliminary Ver:P001
1. Description
5mm round lamp is a popular design with a smooth uniform view angle radiation pattern suitable in Full color signboard,
Billboard sign, Message sign and bus sign. High luminous intensity output has a higher emitting efficiency to save power
energy. Advanced epoxy technology has a good moisture resistance and UV protection to be used in package, and it can
reduce the effect of long term exposure in outdoor environment.
1. 1. Features
High Luminous intensity output.
Low power consumption & High efficiency.
Superior resistance to moisture
Good UV inhibitor
Lead free & RoHS Compliant
Popular T-1 3/4diameter, Amber AlGaInP 590nm Lamp,
White diffused package.
Typical viewing angle 60°
1.2. Applications
Video message sign
Traffic sign
Message sign
Bus sign
2. Outline Dimensions
Notes :
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm (.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com